Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2743 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2743 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM2743
Download  HM2743 Download
File Size   644.64 Kbytes
Page   10 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High efficiency, low energy consumption non-isolated regulator

HM2743 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM2743 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2743
Download  HM2743 Click to download

File Size   644.64 Kbytes
Page   10 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description High efficiency, low energy consumption non-isolated regulator

HM2743 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM2743 Product details

DESCRIPTION
HM2743 is a non-isolated regulator. Internal integration 650V MOSFET. Its application peripherals are simple, and it is suitable for low-power power supply applications. Provides a low-cost, high-efficiency solution. HM2743 is also a voltage regulator with power saving mode. Be negative When the load drops, the peak current and switching frequency decrease accordingly. So in light The system can still maintain high efficiency while loading. At the same time, it is also integrated internally, Undervoltage lockout, over temperature protection, overload protection, short circuit protection, environmental protection Protection and other functions. HM2743 supports including boost, buck-boost, flyback, etc. Multiple topologies.

Features
● Maximum output power 5W
● Built-in 650V/10Ω MOS tube
● No-load power consumption <100mW
● Built-in thermal protection automatic recovery function
● Maximum frequency 70kHz
● Built-in high voltage start
● Built-in overload protection, short circuit protection function
● Internal integrated open loop protection, over temperature protection
● Internally integrated BP under-voltage lockout and over-voltage protection functions




Similar Part No. - HM2743

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
HM274-73 CARLINGTECH-HM274-73 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HM274-78 CARLINGTECH-HM274-78 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HM274-NBL3 CARLINGTECH-HM274-NBL3 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HM274-NBL8 CARLINGTECH-HM274-NBL8 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
HM274-NRD3 CARLINGTECH-HM274-NRD3 Datasheet
454Kb / 4P
H/I-Series Toggle Switches
REV_A
More results


Similar Description - HM2743

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-42NC5 LITEON-LTW-42NC5 Datasheet
195Kb / 8P
Low power consumption, High efficiency
logo
Sanyo Semicon Device
LV5061V SANYO-LV5061V Datasheet
157Kb / 6P
Low power consumption and high efficiency Step-down Switching Regulator Controller
LV5068V SANYO-LV5068V Datasheet
168Kb / 6P
Low power consumption and high efficiency Step-down Switching Regulator Controller
LV5980MX SANYO-LV5980MX Datasheet
471Kb / 16P
Low power consumption and high efficiency Step-down Switching Regulator
LV5980MC SANYO-LV5980MC Datasheet
386Kb / 16P
Low power consumption and high efficiency Step-down Switching Regulator
logo
ON Semiconductor
LV5061V-TLM-H ONSEMI-LV5061V-TLM-H Datasheet
114Kb / 6P
Low power consumption and high efficiency Step-down Switching Regulator
August, 2013
logo
Vicor Corporation
P024F048T12AL VICOR-P024F048T12AL_15 Datasheet
2Mb / 14P
Non-isolated Regulator
P036F048T12AL VICOR-P036F048T12AL_15 Datasheet
1Mb / 14P
Non-isolated Regulator
MP028F036M12AL VICOR-MP028F036M12AL_15 Datasheet
2Mb / 14P
Non-isolated Regulator
logo
Bel Fuse Inc.
VRP3-90E2A BEL-VRP3-90E2A Datasheet
671Kb / 15P
Non-Isolated High Efficiency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com