Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1782 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

2SD1782 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # 2SD1782
Download  2SD1782 Download
File Size   921.63 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Low-power pyroelectric infrared sensor signal processing chip

2SD1782 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1782 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # 2SD1782
Download  2SD1782 Click to download

File Size   921.63 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Low-power pyroelectric infrared sensor signal processing chip

2SD1782 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


2SD1782 Product details

Product Overview
HM4002 is a low-power pyroelectric infrared sensor signal processing chip, which can be matched with infrared sensor unit Simple load sensing ON/OFF and delay timing function control; at the same time, the chip built-in high-precision stable LDO 2.6V output can provide Red power supply for external sensors; built-in first-level high-gain fixed 30dB amplifier, with external adjustable second-order band-pass filter amplifier A high-reliability infrared human body sensing signal processing chip that can achieve up to 75dB low-band-pass signal amplification.

Chip characteristics
◇ Working voltage: 2.8-5.5V
◇ Low standby power consumption: 18-22uA (very suitable for battery applications);
◇ Built-in LDO output voltage 2.6V @max 5mA can directly power PIR;
◇ Fixed 2S internal block time to simplify the periphery and suppress interference;
◇ Light control enable function (photoresistor);
◇ The delay time can be adjusted by connecting a single capacitor;
◇ Built-in first-level amplifier, the most simplified peripheral components can be less than 8;
◇ Simple peripheral PCB layout can be completed on a single panel, with low cost;
◇ Continuous and discontinuous trigger mode chip classification optional

Practical application
◇ Very suitable for simple peripheral battery applications. LED lighting sensor lights (solar lithium battery triangular wall light, dry battery sensor Night lights, battery induction corridor lights, etc.);
◇ Various automatic induction switch application systems such as automatic lighting fixtures, automatic doors, washing basins, dryers, alarms, etc.;
◇ Human body infrared and microwave induction switch signal processing related circuit applications;




Similar Part No. - 2SD1782

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
POWER NPN TRANSISTOR
logo
Jiangsu Changjiang Elec...
2SD1782 JIANGSU-2SD1782 Datasheet
571Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SD1782 DGNJDZ-2SD1782 Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SD1782G-Q-AE3-R UTC-2SD1782G-Q-AE3-R Datasheet
90Kb / 3P
POWER NPN TRANSISTOR
2SD1782G-R-AE3-R UTC-2SD1782G-R-AE3-R Datasheet
90Kb / 3P
POWER NPN TRANSISTOR
More results


Similar Description - 2SD1782

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9251FV-E2 ROHM-BD9251FV-E2 Datasheet
272Kb / 9P
Amplifier for Pyroelectric Infrared Sensor
logo
Murata Manufacturing Co...
IRS-A200ST01-R1 MURATA-IRS-A200ST01-R1 Datasheet
537Kb / 20P
Pyroelectric infrared sensor
IRS-A201ST01-R1 MURATA-IRS-A201ST01-R1 Datasheet
448Kb / 20P
Pyroelectric infrared sensor
IRS-A330ST02-R1 MURATA-IRS-A330ST02-R1 Datasheet
441Kb / 20P
Pyroelectric infrared sensor
logo
List of Unclassifed Man...
D203S ETC1-D203S Datasheet
284Kb / 6P
Pyroelectric Infrared Radial Sensor
logo
Zhengzhou Winsen Electr...
RD-624 WINSEN-RD-624 Datasheet
394Kb / 7P
Pyroelectric Infrared Sensor
RDA-226 WINSEN-RDA-226 Datasheet
1Mb / 9P
Digital Pyroelectric Infrared Sensor
RD-623 WINSEN-RD-623 Datasheet
695Kb / 6P
Pyroelectric Infrared Sensor
logo
List of Unclassifed Man...
D204B ETC-D204B Datasheet
290Kb / 6P
Pyroelectric Infrared Radial Sensor
BS412 ETC-BS412 Datasheet
732Kb / 9P
Pyroelectric Infrared Radial Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com