Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA025XSC Datasheet (PDF) - AZ Displays

PA025XSC Datasheet PDF - AZ Displays
Part # PA025XSC
Download  PA025XSC Download
File Size   791.6 Kbytes
Page   27 Pages
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays
Description This technical specification applies to 2.5inch color TFT-LCD panel.

PA025XSC Datasheet (PDF)

Go To PDF Page Download Datasheet
PA025XSC Datasheet PDF - AZ Displays

Part # PA025XSC
Download  PA025XSC Click to download

File Size   791.6 Kbytes
Page   27 Pages
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays
Description This technical specification applies to 2.5inch color TFT-LCD panel.

PA025XSC Datasheet (HTML) - AZ Displays


PA025XSC Product details

Features
• Compatible with NTSC or PAL system
• High Resolution: 112,320 Dots
• Optimum Viewing Direction: 6 o’clock
• Up/Down and Left/Right Image Reversion

Application
   This technical specification applies to 2.5" color TFT-LCD panel. The 2.5” color TFT LCD panel is designed for camcorder, digital camera application and other electronic products which require high quality flat panel displays.




Similar Part No. - PA025XSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA025XS1 ETC2-PA025XS1 Datasheet
655Kb / 28P
2.5 color TFT-LCD panel
logo
AZ Displays
PA025XSB AZDISPLAYS-PA025XSB Datasheet
801Kb / 28P
This technical specification applies to 2.5inch color TFT-LCD panel.
More results


Similar Description - PA025XSC

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PA025XSB AZDISPLAYS-PA025XSB Datasheet
801Kb / 28P
This technical specification applies to 2.5inch color TFT-LCD panel.
PA035XSE AZDISPLAYS-PA035XSE Datasheet
649Kb / 28P
This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XSL AZDISPLAYS-PA035XSL Datasheet
635Kb / 27P
This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XUJ AZDISPLAYS-PA035XUJ Datasheet
1Mb / 27P
This technical specification applies to 3.5inch color TFT-LCD panel.
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
This technical specification applies to 4inch color TFT-LCD module, PA040XS1
PA050XS1 AZDISPLAYS-PA050XS1 Datasheet
695Kb / 26P
This technical specification applies to 5inch color TFT-LCD module , PA050XS1.
PA080XS1 AZDISPLAYS-PA080XS1 Datasheet
402Kb / 25P
This technical specification applies to 8 color TFT-LCD module, PA080XS1
PD024OX4 AZDISPLAYS-PD024OX4 Datasheet
745Kb / 23P
This technical specification applies to a 2.36inch color TFT-LCD panel.
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
608Kb / 33P
This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
logo
AU Optronics Corp.,
T460HW03-VF AUO-T460HW03-VF Datasheet
765Kb / 30P
This specification applies to the 46 inch Color TFT-LCD Module T460HW03 VF
More results




About AZ Displays


AZ Displays is a company that specializes in the design and manufacturing of a wide range of display products. They offer various types of displays, including TFT LCDs, OLEDs, PMOLEDs, and custom displays. Their products are used in a variety of applications, such as medical devices, industrial equipment, consumer electronics, automotive displays, and more.

AZ Displays has a strong commitment to quality, and their products are designed to meet the highest standards of performance and reliability. They have a team of experienced engineers who work closely with customers to develop custom solutions that meet their specific requirements.

In addition to their display products, AZ Displays also offers a range of value-added services, such as product testing, optical bonding, and display customization. They have a global presence, with offices and manufacturing facilities in the United States, Taiwan, and China, which allows them to provide fast and efficient support to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com