Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD44H11T4 Datasheet (PDF) - ON Semiconductor

MJD44H11T4 Datasheet PDF - ON Semiconductor
Part # MJD44H11T4
Download  MJD44H11T4 Download
File Size   192.88 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SILICON POWER TRANSISTORS

MJD44H11T4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD44H11T4 Datasheet PDF - ON Semiconductor

Part # MJD44H11T4
Download  MJD44H11T4 Click to download

File Size   192.88 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SILICON POWER TRANSISTORS

MJD44H11T4 Datasheet (HTML) - ON Semiconductor


MJD44H11T4 Product details

Designed for general purpose power and switching such as output or driver stages in applications such as switching regulators, converters, and power amplifiers.
   
Features
• Pb−Free Packages are Available
• Lead Formed for Surface Mount Application in Plastic Sleeves
    (No Suffix)
• Straight Lead Version in Plastic Sleeves (“−1” Suffix)
• Lead Formed Version in 16 mm Tape and Reel for Surface Mount
    (“T4” Suffix)
• Electrically Similar to Popular D44H/D45H Series
• Low Collector Emitter Saturation Voltage −
               VCE(sat) = 1.0 Volt Max @ 8.0 Amperes
• Fast Switching Speeds
• Complementary Pairs Simplifies Designs
• Epoxy Meets UL 94, V−0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B > 8000 V
                         Machine Model, C > 400 V
   




Similar Part No. - MJD44H11T4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD44H11T4 MOTOROLA-MJD44H11T4 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJD44H11T4 ONSEMI-MJD44H11T4 Datasheet
76Kb / 7P
Complementary Power Transistors
January, 2006 ??Rev. 7
logo
STMicroelectronics
MJD44H11T4 STMICROELECTRONICS-MJD44H11T4 Datasheet
217Kb / 8P
Complementary power transistors
06-Aug-2009
MJD44H11T4-A STMICROELECTRONICS-MJD44H11T4-A Datasheet
215Kb / 8P
Complementary power transistors
06-Aug-2009
logo
ON Semiconductor
MJD44H11T4G ONSEMI-MJD44H11T4G Datasheet
76Kb / 7P
Complementary Power Transistors
January, 2006 ??Rev. 7
More results


Similar Description - MJD44H11T4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3979 JMNIC-2SC3979 Datasheet
152Kb / 3P
Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
Silicon Power Transistors
2SC4941 JMNIC-2SC4941 Datasheet
86Kb / 3P
Silicon Power Transistors
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193_09 Datasheet
163Kb / 6P
Silicon Power Transistors
April, 2009 ??Rev. 5
MJW21193 ONSEMI-MJW21193_10 Datasheet
151Kb / 7P
Silicon Power Transistors
March, 2010 ??Rev. 4
logo
Comset Semiconductor
BD743 COMSET-BD743 Datasheet
108Kb / 4P
SILICON POWER TRANSISTORS
MJE13007 COMSET-MJE13007 Datasheet
101Kb / 3P
SILICON POWER TRANSISTORS
TIP35 COMSET-TIP35 Datasheet
81Kb / 4P
SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com