Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4151 Datasheet (PDF) - EIC discrete Semiconductors

1N4151 Datasheet PDF - EIC discrete Semiconductors
Part # 1N4151
Download  1N4151 Download
File Size   80.89 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description HIGH SPEED SWITCHING DIODE

1N4151 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4151 Datasheet PDF - EIC discrete Semiconductors

Part # 1N4151
Download  1N4151 Click to download

File Size   80.89 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description HIGH SPEED SWITCHING DIODE

1N4151 Datasheet (HTML) - EIC discrete Semiconductors


1N4151 Product details

FEATURES :
• High switching speed: max. 4 ns
• Reverse voltage:max. 50 V
• Peak reverse voltage:max. 75 V
• Pb / RoHS Free

MECHANICAL DATA :
   Case: DO-35 Glass Case
   Weight: approx. 0.13g




Similar Part No. - 1N4151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4151 PHILIPS-1N4151 Datasheet
53Kb / 8P
High-speed diodes
1999 Jun 01
logo
Vishay Siliconix
1N4151 VISHAY-1N4151 Datasheet
39Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Rectron Semiconductor
1N4151 RECTRON-1N4151 Datasheet
11Kb / 1P
SIGNAL DIODE
logo
Semtech Corporation
1N4151 SEMTECH-1N4151 Datasheet
88Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Shanghai Lunsure Electr...
1N4151 CHENYI-1N4151 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results


Similar Description - 1N4151

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com