Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1707D Datasheet (PDF) - Integrated Circuit Systems

MK1707D Datasheet PDF - Integrated Circuit Systems
Part # MK1707D
Download  MK1707D Download
File Size   134.68 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low EMI Clock Generator

MK1707D Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1707D Datasheet PDF - Integrated Circuit Systems

Part # MK1707D
Download  MK1707D Click to download

File Size   134.68 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low EMI Clock Generator

MK1707D Datasheet (HTML) - Integrated Circuit Systems


MK1707D Product details

Description

The MK1707D generates a low EMI output clock from a crystal clock input. The part is designed to dither the LCD interface clock for flat panel graphics controllers. The device uses ICS’ proprietary mix of analog and digital Phase-Locked Loop (PLL) technology to spread the frequency spectrum of the output, thereby reducing the frequency amplitude peaks by several dB. The MK1707D offers centered spread from a wide range of input clock frequencies. ICS offers many other clocks for computers and computer peripherals. Consult ICS when you need to replace multiple crystals and oscillators from your board.



Features

• Packaged in 8-pin SOIC

• Available in Pb (lead) free package

• Provides a spread spectrum output clock

• Supports flat panel controllers

• Accepts a crystal or clock input to provide same frequency dithered output

• Input operating frequencies of 25-54 and 50-108MHz

• Peak reduction by 7dB to 14dB typical on 3rd through 19th odd harmonics

• Low EMI feature can be disabled

• Includes power down

• Operating voltage of 3.3 V

• Industrial temperature range available

• Advanced, low-power CMOS process




Similar Part No. - MK1707D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1707 ICST-MK1707 Datasheet
143Kb / 6P
Low EMI Clock Generator
logo
Renesas Technology Corp
MK1707 RENESAS-MK1707 Datasheet
246Kb / 8P
LOW EMI CLOCK GENERATOR
REV L 072312
logo
Integrated Circuit Syst...
MK1707S ICST-MK1707S Datasheet
143Kb / 6P
Low EMI Clock Generator
MK1707SI ICST-MK1707SI Datasheet
143Kb / 6P
Low EMI Clock Generator
MK1707SILF ICST-MK1707SILF Datasheet
143Kb / 6P
Low EMI Clock Generator
More results


Similar Description - MK1707D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
ICS181-51 ICST-ICS181-51 Datasheet
90Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS181-52 ICST-ICS181-52 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com