Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7025E Datasheet (PDF) - Maxwell Technologies

7025E Datasheet PDF - Maxwell Technologies
Part # 7025E
Download  7025E Download
File Size   524.28 Kbytes
Page   20 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description (8K x 16-Bit) Dual Port RAM High-Speed CMOS

7025E Datasheet (PDF)

Go To PDF Page Download Datasheet
7025E Datasheet PDF - Maxwell Technologies

Part # 7025E
Download  7025E Click to download

File Size   524.28 Kbytes
Page   20 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description (8K x 16-Bit) Dual Port RAM High-Speed CMOS

7025E Datasheet (HTML) - Maxwell Technologies


7025E Product details

DESCRIPTION:
Maxwell Technologies’ 7025E Dual Port RAM High Speed CMOS® microcircuit features a greater than 100 krad (Si) total dose tolerance, depending upon space mission. The 7025E is designed to be used as a stand-alone 128k-bit Dual Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 32-bit or more word systems. This design results in full-speed, error-free operation without the need for additional discrete logic. The 7025E provides two independent ports with separate control, address, and I/O pins that permit independent, asynchronous access for reads or writes to any location in memory. An automatic power down feature controlled by CS permits the on-chip circuitry of each port to enter a very low standby power mode.

FEATURES:
• 8K x 16-bit dual port RAM
   - Stand Alone
   - Master Slave
• RAD-PAK® radiation-hardened against natural space radiation
• Total dose hardness:
   - > 100 krad (Si), depending upon space mission
• Excellent Single Event Effects:
   -SELTH LET = >100 MeV/mg/cm2
   -SEUTH LET = 7 MeV/mg/cm2
• Package:
   -84 Pin RAD-PAK® quad flat pack
• Separate upper byte and lower byte control for multiplexed bus compatibility
• High speed access time: 35/45 ns
• Expandable to 32 bits or more using master/slave select when cascading
• High speed CMOS technology
   -TTL compatible, single 5V power supply
   -Interrupt flag for port-to-port communication
   -On chip port arbitration logic
   -Asynchronous operation from either port




Similar Part No. - 7025E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7025 BOURNS-7025 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Alpha Wire
7025 ALPHAWIRE-7025 Datasheet
97Kb / 4P
Customer Specification
3/12/2023
logo
JJ Electronic
7025 JJ-ELECTRONIC-7025 Datasheet
206Kb / 1P
R. F. DOUBLE TRIODE
logo
PCE Instruments.
7025-6 PCE-7025-6 Datasheet
3Mb / 6P
Industrial plugs and sockets series SHARK
Vers. 03/2012
logo
Bourns Electronic Solut...
7025-RC BOURNS-7025-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
More results


Similar Description - 7025E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com