Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7672 Datasheet (PDF) - Maxwell Technologies

7672 Datasheet PDF - Maxwell Technologies
Part # 7672
Download  7672 Download
File Size   247.05 Kbytes
Page   11 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 12-Bit A/D Converter

7672 Datasheet (PDF)

Go To PDF Page Download Datasheet
7672 Datasheet PDF - Maxwell Technologies

Part # 7672
Download  7672 Click to download

File Size   247.05 Kbytes
Page   11 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 12-Bit A/D Converter

7672 Datasheet (HTML) - Maxwell Technologies


7672 Product details

DESCRIPTION:
Maxwell Technologies’ 7672 high-speed 12-bit analog-to digital converter microcircuit features a greater than 100 krad (Si) total dose tolerance, depending upon space mission. The 7672 uses an accurate high-speed DAC and comparator to achieve conversion time as low as 5 µs while dissipating only 110 mW of power. The 7672 is designed to be used with an external reference voltage. This allows the user to choose a reference whose performance suits the application or to drive multiple 7672s from a single system reference, since the reference input is buffered and draws very little current. For digital signal processing applications where absolute accuracy and temperature coefficients may be unimportant, a low cost reference can be used. For optimal precision, a high accuracy reference where an absolute 12-bit accuracy can be obtained over a wide temperature range may be used. Analog input range is pin-selectable for 0 to +5V, 0 to +10V, or ±5V, making the ADC ideal for data acquisition and analog input/output cards. A high-speed digital interface (125 ns data access time) with three state data outputs is compatible with most microprocessors.
Maxwell Technologies patented RAD-PAK® packaging technology incorporates radiation shielding in the microcircuit package. It eliminates the need for box shielding while providing the required radiation shielding for a lifetime in orbit or space mission. In a GEO orbit, RAD-PAK provides greater than 100 krad (Si) radiation dose tolerance. This product is available with screening up to Class S.

FEATURES:
• 12-bit high speed A/D converter
• RAD-PAK® radiation-hardened against natural space radiation
• Total dose hardness:
   - > 100 krad (Si), depending upon space mission
• Excellent Single Event Effect
   - SEL > 120 Mev/mg/cm2
   - SEUTH > 5.8 Mev/mg/cm2
   - SEUSat = -1E-4 cm2/Device
• Package:
   - 24 pin RAD-PAK® flat package
   - 24 pin RAD-PAK® DIP
• Fast conversion times:
   - 7672-05: 5 µs
• Low 110 mW typical power consumption
   - Corrects all single-bit errors
   - Detects all double and some triple-bit errors
• High-speed BiCMOS technology
   - Choice of +5V and +10V input ranges
   - Operates with +5V and -12V power supplies
   - Fast 125 ns bus-access time




Similar Part No. - 7672

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
7672 ALPHAWIRE-7672 Datasheet
406Kb / 4P
18 (7/26) AWG Tinned Copper
logo
Keystone Electronics Co...
7672 KEYSTONE-7672 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results


Similar Description - 7672

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
12-Bit, 500MSPS A/D Converter
December 5, 2008
logo
Analog Devices
AD574AKD AD-AD574AKD Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
logo
Texas Instruments
ADC124S051 TI1-ADC124S051_15 Datasheet
1Mb / 28P
12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
12-Bit A/D Converter
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
12-Bit A/D Converter
23-Feb-2017
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
12-Bit A/D Converter
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com