Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7805ALP Datasheet (PDF) - Maxwell Technologies

7805ALP Datasheet PDF - Maxwell Technologies
Part # 7805ALP
Download  7805ALP Download
File Size   262.91 Kbytes
Page   18 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 16-Bit Latchup Protected ADC

7805ALP Datasheet (PDF)

Go To PDF Page Download Datasheet
7805ALP Datasheet PDF - Maxwell Technologies

Part # 7805ALP
Download  7805ALP Click to download

File Size   262.91 Kbytes
Page   18 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 16-Bit Latchup Protected ADC

7805ALP Datasheet (HTML) - Maxwell Technologies


7805ALP Product details

DESCRIPTION:

Maxwell Technologies’ 7805ALP high-speed analog-to-digital converter features a greater than 50 krad (Si) total dose tolerance, depending upon space mission. Using Mawell’s radiation-hardened RAD-PAK® packaging technology, the 7805ALP incorporates the commercial ADS7805 from Burr Brown. This device is latchup protected by Maxwell Technologies’ LPT™ technology.



FEATURES:

• 16-bit organization

• Latchup Protection Technology™

• RAD-PAK® radiation-hardened against natural space radtion

• Total dose hardness:

- > 50 krads(Si), depending upon space mission

• Latchup converted to reset.

- Rate based on cross section and mission.

• Package:

- 28 pin RAD-PAK® flat pack

- 28 pin RAD-PAK® DIP

• 100 kHz min sampling rate

• Standard ± 10V input range

• Advance CMOS technology

- 86 dB min SINAD with 20 kHz input

- Single 5V supply operation

- Utilizes internal or external reference

- Full parallel data output

- Power dissipation: 132 mW max




Similar Part No. - 7805ALP

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
7805A ESTEK-7805A Datasheet
288Kb / 3P
fixed-voltage monolithicintegrated-circuit voltage regulators
logo
Wing Shing Computer Com...
7805A WINGS-7805A Datasheet
217Kb / 6P
3-Terminal positive Voltage Regulators
logo
STMicroelectronics
7805A STMICROELECTRONICS-7805A Datasheet
1Mb / 55P
Positive voltage regulator ICs
17-Sep-2018
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7805AC SS-7805AC Datasheet
404Kb / 5P
Linear Voltage Regulator
More results


Similar Description - 7805ALP

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7809LP MAXWELL-7809LP Datasheet
462Kb / 23P
16-Bit Latchup Protected Analog to Digital Converter
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
16-Bit, 130Msps ADC
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
16-Bit, 160Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
Linear Technology
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
16-Bit, 130Msps ADC
LTC2209 LINER-LTC2209_15 Datasheet
603Kb / 32P
16-Bit, 160Msps ADC
LTC2387-16 LINER-LTC2387-16 Datasheet
1Mb / 22P
16-Bit, 15Msps SAR ADC
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com