Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7846ARPFI Datasheet (PDF) - Maxwell Technologies

7846ARPFI Datasheet PDF - Maxwell Technologies
Part # 7846ARPFI
Download  7846ARPFI Download
File Size   256.15 Kbytes
Page   11 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 16-Bit Digital to Analog Converter

7846ARPFI Datasheet (PDF)

Go To PDF Page Download Datasheet
7846ARPFI Datasheet PDF - Maxwell Technologies

Part # 7846ARPFI
Download  7846ARPFI Click to download

File Size   256.15 Kbytes
Page   11 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 16-Bit Digital to Analog Converter

7846ARPFI Datasheet (HTML) - Maxwell Technologies


7846ARPFI Product details

DESCRIPTION:
Maxwell Technologies’ 7846A 16-Bit DAC converter microcircuit features a greater than 100 krad (Si) total dose tolerance, depending upon space mission. The 7846A has VREF+ and VREF- reference inputs and an on-chip output amplifier which gives the option of unipolar or bipolar output. The 7846A uses a segmented architecture.

FEATURES:
• RAD-PAK® technology-hardened against natural space radiation
• Total dose hardness:
    - > 100 krad (Si), depending upon space mission
• Excellent Single Event Effects
    - SELTH > 114 MeV/mg/cm2
    - SEU < 8 MeV/mg/cm2
• Package:
    -28 pin RAD-PAK® Flat Pack
• Microprocessor compatible with readback capability
• 16-Bit monotonicity over temperature
• ±2 LSBs integral linearity error
• Unipolar or bipolar output
• Multiplying capability
• Low power (100 mW typical)




Similar Part No. - 7846ARPFI

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
784679 TEC-784679 Datasheet
491Kb / 6P
Micro MATE-N-LOK Connector System
784679 TEC-784679 Datasheet
491Kb / 6P
Micro MATE-N-LOK Connector System
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
16-Bit Digital to Analog Converter
7846BRPFB MAXWELL-7846BRPFB Datasheet
254Kb / 11P
16-Bit Digital to Analog Converter
7846BRPFE MAXWELL-7846BRPFE Datasheet
254Kb / 11P
16-Bit Digital to Analog Converter
More results


Similar Description - 7846ARPFI

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
16-Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com