Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8408 Datasheet (PDF) - Maxwell Technologies

8408 Datasheet PDF - Maxwell Technologies
Part # 8408
Download  8408 Download
File Size   472.7 Kbytes
Page   20 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Quad 8-Bit Multiplying CMOS D/A Converter with Memory

8408 Datasheet (PDF)

Go To PDF Page Download Datasheet
8408 Datasheet PDF - Maxwell Technologies

Part # 8408
Download  8408 Click to download

File Size   472.7 Kbytes
Page   20 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Quad 8-Bit Multiplying CMOS D/A Converter with Memory

8408 Datasheet (HTML) - Maxwell Technologies


8408 Product details

DESCRIPTION:

Maxwell Technologies’ 8408 is a monolithic quad 8-bit multiplying digital-to-analog CMOS converter. Each DAC has its own reference input, feedback resistor, and onboard data latches that feature read/write capability. The readback function serves as memory for those systems requiring self-diagnostics.

A common 8-bit TTL/CMOS compatible input port is used to load data into any of the four DAC data-latches. Control lines DS1, DS2 and A/B determine which DAC will accept data. Data loading is similar to that of a RAMs write cycle. Data can be read back onto the same bus with control line R/W. The 8408 is a bus compatible with most 8-bit microprocessors, including the 6800, 8080, 8085, and Z80. The 8408 operates on a single +5 volt supply and dissipates less than 20 mW. The 8408 is manufactured using highly stable, thin-film resistors on an advanced oxide-isolated, silicon-gate, CMOS process. The improved latch-up resistant design eliminates the need for external protective Schottky diodes.



FEATURES:

• RAD-PAK® patented shielding against natural

• space radiation

• Total dose hardness:

   - equal to 100 krad (Si), depending upon orbit and space mission

• Package:

   - 28 pin RAD-PAK® Flat Pack

• Single Supply Ooperation (+5V)

• Four 8 Bit DACs in one 28 Pin Package

• D/As Matched to within 1%

• TTL/CMOS Compatable

• Four-Quadrant Multiplication



 




Similar Part No. - 8408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8408 ETC2-8408 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Belden Inc.
8408 BELDEN-8408 Datasheet
196Kb / 2P
Microphone Cable, 2 Conductor 16 AWG, TC, CPE Jkt
01-20-2023
logo
Keystone Electronics Co...
8408 KEYSTONE-8408 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Belden Inc.
8408-001500 BELDEN-8408-001500 Datasheet
196Kb / 2P
Microphone Cable, 2 Conductor 16 AWG, TC, CPE Jkt
01-20-2023
logo
Abbatron All Rights Res...
84080-8491 ABBATRON-84080-8491 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 8408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8408 AD-DAC8408 Datasheet
217Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV.A
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
8-bit multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7528FPZ AD-PM7528FPZ Datasheet
1Mb / 5P
DUAL 8-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTER
REV. C
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
DAC8408FSZ-REEL AD-DAC8408FSZ-REEL Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
PM7628FP AD-PM7628FP Datasheet
766Kb / 16P
Dual 8-Bit Buffered Multiplying CMOS D/A Converter
REV. A
DAC8408FPZ AD-DAC8408FPZ Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPCZ AD-DAC8408FPCZ Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408 AD-DAC8408_15 Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
8-bit multiplying D/A converter
August 31, 1994
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com