Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C17093 Datasheet (PDF) - Ledil, Inc.

C17093 Datasheet PDF - Ledil, Inc.
Part # C17093
Download  C17093 Download
File Size   4220.13 Kbytes
Page   3 Pages
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.
Description Mounting ring for 횠50 mm ALISE and ELISE reflectors

C17093 Datasheet (PDF)

Go To PDF Page Download Datasheet
C17093 Datasheet PDF - Ledil, Inc.

Part # C17093
Download  C17093 Click to download

File Size   4220.13 Kbytes
Page   3 Pages
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.
Description Mounting ring for 횠50 mm ALISE and ELISE reflectors

C17093 Datasheet (HTML) - Ledil, Inc.




Similar Part No. - C17093

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C17091 LEDIL-C17091 Datasheet
3Mb / 3P
Mounting ring for 횠70 mm ALISE and ELISE reflectors.
C17092 LEDIL-C17092 Datasheet
4Mb / 3P
Mounting ring for 횠110 mm ALISE and ELISE reflectors
C17094 LEDIL-C17094 Datasheet
1Mb / 3P
Clear sublens for 횠50 mm ALISE and ELISE reflectors.
C17095 LEDIL-C17095 Datasheet
1Mb / 3P
Clear sublens for 횠70 mm ALISE and ELISE reflectors
C17096 LEDIL-C17096 Datasheet
1Mb / 3P
Clear sublens for 횠110 mm ALISE and ELISE reflectors
More results


Similar Description - C17093

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16058 LEDIL-C16058 Datasheet
1Mb / 3P
횠50 mm basepart for Xicato XTM and XIM modules compatible with RONDA and CARMEN
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
Basepart for reflectors and lenses
C17091 LEDIL-C17091 Datasheet
3Mb / 3P
Mounting ring for 횠70 mm ALISE and ELISE reflectors.
C17092 LEDIL-C17092 Datasheet
4Mb / 3P
Mounting ring for 횠110 mm ALISE and ELISE reflectors
C17094 LEDIL-C17094 Datasheet
1Mb / 3P
Clear sublens for 횠50 mm ALISE and ELISE reflectors.
C17095 LEDIL-C17095 Datasheet
1Mb / 3P
Clear sublens for 횠70 mm ALISE and ELISE reflectors
C17096 LEDIL-C17096 Datasheet
1Mb / 3P
Clear sublens for 횠110 mm ALISE and ELISE reflectors
C17097 LEDIL-C17097 Datasheet
1Mb / 3P
Diffusing sublens for 횠110 mm ALISE and ELISE reflectors.
C17098 LEDIL-C17098 Datasheet
1Mb / 3P
Diffusing sublens for 횠70 mm ALISE and ELISE reflectors
C17099 LEDIL-C17099 Datasheet
1Mb / 3P
Diffusing sublens for 횠50 mm ALISE and ELISE reflectors.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com