Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP284 Datasheet (PDF) - Maxwell Technologies

OP284 Datasheet PDF - Maxwell Technologies
Part # OP284
Download  OP284 Download
File Size   861.29 Kbytes
Page   16 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Operational Amplifiers

OP284 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP284 Datasheet PDF - Maxwell Technologies

Part # OP284
Download  OP284 Click to download

File Size   861.29 Kbytes
Page   16 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Operational Amplifiers

OP284 Datasheet (HTML) - Maxwell Technologies


OP284 Product details

DESCRIPTION:
Maxwell Technologies’ OP284 is a dual single-supply, 4 MHz bandwidth amplifier featuring rail-to-rail inputs and outputs and a greater than 100 krad (Si) total dose tolerance,depending upon space mission. Using Maxwell Technologies’ radiation-hardened RAD-PAK® technology, it is guaranteed to operate from +3 to +36 (or ±1.5 to ±18) volts and will function with a single supply as low as +1.5 volts.

FEATURES:
• RAD-PAK® radiation-hardened against natural space radiation
• Total dose hardness:
  - > 100 krad (Si), depending upon space mission
• Package:
  - 8-pin RAD-PAK® flat pack
  - 16-pin RAD-PAK® Leadless Chip Carrier (LCC) pack
• Single-Supply Operation
• Wide Bandwidth: 4 MHz
• Low Offset Voltage: 65uV
• Unity-Gain Stable
• High Slew Rate: 4.0 V/ms
• Low Noise: 3.9 nV/(Hz)½




Similar Part No. - OP284

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP284 AD-OP284 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP284 AD-OP284 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP284 AD-OP284 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284 Datasheet
248Kb / 5P
Technical Article
logo
List of Unclassifed Man...
OP284 ETC-OP284 Datasheet
3Mb / 32P
TORQUE PRODUCTS
More results


Similar Description - OP284

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF347 ONSEMI-LF347 Datasheet
80Kb / 4P
Operational Amplifiers
March, 2002 ??Rev. 1
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com