Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMA851S6AFR6N Datasheet (PDF) - Hynix Semiconductor

HMA851S6AFR6N Datasheet PDF - Hynix Semiconductor
Part # HMA851S6AFR6N
Download  HMA851S6AFR6N Download
File Size   1643.35 Kbytes
Page   73 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description DDR4 SDRAM SO-DIMM Based on 8Gb A-die

HMA851S6AFR6N Datasheet (PDF)

Go To PDF Page Download Datasheet
HMA851S6AFR6N Datasheet PDF - Hynix Semiconductor

Part # HMA851S6AFR6N
Download  HMA851S6AFR6N Click to download

File Size   1643.35 Kbytes
Page   73 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description DDR4 SDRAM SO-DIMM Based on 8Gb A-die

HMA851S6AFR6N Datasheet (HTML) - Hynix Semiconductor


HMA851S6AFR6N Product details

Description
SK hynix Unbuffered Small Outline DDR4 SDRAM DIMMs (Unbuffered Small Outine Double Data Rate Synchronous
DRAM Dual In-Line Memory Modules) are low power, high-speed operation memory modules
that use DDR4 SDRAM devices. These DDR4 SDRAM Unbuffered Small Outline DIMMs are intended for use
as main memory when installed in systems such as micro servers and mobile personal computres.

Features
• Power Supply: VDD=1.2V (1.14V to 1.26V)
• VDDQ = 1.2V (1.14V to 1.26V)
• VPP - 2.5V (2.375V to 2.75V)
• VDDSPD=2.25V to 3.6V
• Functionality and operations comply with the DDR4 SDRAM datasheet
• 16 internal banks
• Bank Grouping is applied, and CAS to CAS latency (tCCD_L, tCCD_S) for the banks in the same or different
bank group accesses are available
• Data transfer rates: PC4-2400, PC4-2133, PC4-1866, PC4-1600
• Bi-Directional Differential Data Strobe
• 8 bit pre-fetch
• Burst Length (BL) switch on-the-fly BL8 or BC4(Burst Chop)
• Supports ECC error correction and detection
• On-Die Termination (ODT)
• Temperature sensor with integrated SPD
• This product is in compliance with the RoHS directive.
• Per DRAM Addressability is supported
• Internal Vref DQ level generation is available




Similar Part No. - HMA851S6AFR6N

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMA851S6CJR6N HYNIX-HMA851S6CJR6N Datasheet
1Mb / 77P
DDR4 SDRAM SO-DIMM Based on 8Gb C-die
HMA851S6CJR6N-UH HYNIX-HMA851S6CJR6N-UH Datasheet
1Mb / 77P
DDR4 SDRAM SO-DIMM Based on 8Gb C-die
HMA851S6CJR6N-VK HYNIX-HMA851S6CJR6N-VK Datasheet
1Mb / 77P
DDR4 SDRAM SO-DIMM Based on 8Gb C-die
HMA851S6CJR6N-WM HYNIX-HMA851S6CJR6N-WM Datasheet
1Mb / 77P
DDR4 SDRAM SO-DIMM Based on 8Gb C-die
HMA851S6CJR6N-XN HYNIX-HMA851S6CJR6N-XN Datasheet
1Mb / 77P
DDR4 SDRAM SO-DIMM Based on 8Gb C-die
More results


Similar Description - HMA851S6AFR6N

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
8GB DDR3 SDRAM SO-DIMM
logo
Hynix Semiconductor
HMA81GS6MFR8N HYNIX-HMA81GS6MFR8N Datasheet
1Mb / 71P
DDR4 SDRAM SO-DIMM Based on 8Gb M-die
HMA81GU6MFR8N HYNIX-HMA81GU6MFR8N Datasheet
1Mb / 72P
DDR4 SDRAM Unbuffered DIMM Based on 8Gb M-die
HMA425S6AFR6N HYNIX-HMA425S6AFR6N Datasheet
1Mb / 77P
DDR4 SDRAM SO-DIMM Based on 4Gb A-die
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
DDR4 SDRAM Registered DIMM Based on 4Gb A-die
logo
Samsung semiconductor
K4A8G045WB SAMSUNG-K4A8G045WB Datasheet
1Mb / 73P
8Gb B-die DDR4 SDRAM
logo
Hynix Semiconductor
HMA425U6AFR6N HYNIX-HMA425U6AFR6N Datasheet
1Mb / 75P
DDR4 SDRAM Unbuffered DIMM Based on 4Gb A-die
HMA851S6CJR6N HYNIX-HMA851S6CJR6N Datasheet
1Mb / 77P
DDR4 SDRAM SO-DIMM Based on 8Gb C-die
logo
Advantech Co., Ltd.
AQD-SD4L8GN24-HEI ADVANTECH-AQD-SD4L8GN24-HEI Datasheet
542Kb / 12P
260Pin DDR4 2400 1.2V SO-DIMM 8GB Based on 1024Mx8
2017-05-17
AQD-SD4U8GE24-SE ADVANTECH-AQD-SD4U8GE24-SE Datasheet
250Kb / 15P
260 Pin DDR4 1.2V 2400 ECC SO-DIMM 8GB Based on 1Gx8
2017-03-13
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com