Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC3716LP4E Datasheet (PDF) - Analog Devices

HMC3716LP4E Datasheet PDF - Analog Devices
Part # HMC3716LP4E
Download  HMC3716LP4E Download
File Size   1442.2 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HBT DIGITAL PHASE FREQUENCY DETECTOR 10 - 1300MHz

HMC3716LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC3716LP4E Datasheet PDF - Analog Devices

Part # HMC3716LP4E
Download  HMC3716LP4E Click to download

File Size   1442.2 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HBT DIGITAL PHASE FREQUENCY DETECTOR 10 - 1300MHz

HMC3716LP4E Datasheet (HTML) - Analog Devices




Similar Part No. - HMC3716LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC370LP4 HITTITE-HMC370LP4 Datasheet
252Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
HMC370LP4 HITTITE-HMC370LP4 Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
HMC370LP4 HITTITE-HMC370LP4 Datasheet
627Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
logo
Analog Devices
HMC370LP4 AD-HMC370LP4 Datasheet
364Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC370LP4E HITTITE-HMC370LP4E Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
More results


Similar Description - HMC3716LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC439QS16G HITTITE-HMC439QS16G Datasheet
344Kb / 6P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC440QS16G HITTITE-HMC440QS16G Datasheet
452Kb / 10P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz, w/ INTEGRATED 5-BIT COUNTER, 10 - 2800 MHz
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
Phase-Frequency Detector
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G_06 Datasheet
558Kb / 10P
HBT DIGITAL PHASE-FREQ. DETECTOR, 10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz
HMC439QS16G HITTITE-HMC439QS16G_06 Datasheet
469Kb / 6P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC403S8G HITTITE-HMC403S8G_03 Datasheet
258Kb / 8P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, DC - 1.3 GHz
HMC439QS16G HITTITE-HMC439QS16G_08 Datasheet
309Kb / 6P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC403S8G HITTITE-HMC403S8G_10 Datasheet
182Kb / 8P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, DC - 1.3 GHz
HMC984LP4E HITTITE-HMC984LP4E Datasheet
2Mb / 34P
DIGITAL PHASE-FREQUeNCY DETECTOR
logo
Analog Devices
HMC439QS16G AD-HMC439QS16G Datasheet
441Kb / 6P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com