Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8216 Datasheet (PDF) - Belden Inc.

8216 Datasheet PDF - Belden Inc.
Part # 8216
Download  8216 Download
File Size   229.0 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 50 Ohm Wireless Transmission Coax, RG-174

8216 Datasheet (PDF)

Go To PDF Page Download Datasheet
8216 Datasheet PDF - Belden Inc.

Part # 8216
Download  8216 Click to download

File Size   229.0 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 50 Ohm Wireless Transmission Coax, RG-174

8216 Datasheet (HTML) - Belden Inc.




Similar Part No. - 8216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8216 ETC2-8216 Datasheet
238Kb / 1P
INSULATED RING TONGUE TERMINAL
logo
Santronics Inc
8216 SCS-8216 Datasheet
301Kb / 1P
8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
October 2022
logo
RAF ELECTRONIC HARDWARE
8216-1032-SS RAF-8216-1032-SS Datasheet
112Kb / 1P
ROUND INTERNAL THREAD HANDLE
8216-2520-A RAF-8216-2520-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Abbatron All Rights Res...
8216-8231 ABBATRON-8216-8231 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 8216

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
RG-174 RF Coax Cable Assemblies
logo
List of Unclassifed Man...
7805 ETC2-7805 Datasheet
105Kb / 4P
Coax - RG-174 Type
ANT-418-PW-QW ETC2-ANT-418-PW-QW Datasheet
144Kb / 1P
Integral 8쩍-inch RG-174 coax cable
logo
Molex Electronics Ltd.
0733660020 MOLEX11-0733660020 Datasheet
31Kb / 1P
50 Ohm MCX Plug, Crimp, RG-174, RG-188 and RG-316 Cable, Gold
0733660022 MOLEX11-0733660022 Datasheet
31Kb / 1P
50 Ohm MCX Plug, Crimp, RG-174, RG-188 and RG-316 Cable
0733660026 MOLEX11-0733660026 Datasheet
31Kb / 1P
50 Ohm MCX Plug, Crimp, RG-174, RG-188 and RG-316 Cable, Gold (Au) Plating,
logo
Belden Inc.
7810A BELDEN-7810A Datasheet
233Kb / 2P
50 Ohm Wireless Transmission Coax, RF 400, RG8
9913 BELDEN-9913 Datasheet
237Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com