Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD62003A Datasheet (PDF) - Toshiba Semiconductor

TBD62003A Datasheet PDF - Toshiba Semiconductor
Part # TBD62003A
Download  TBD62003A Download
File Size   351.1 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 7channel sink type DMOS transistor array

TBD62003A Datasheet (PDF)

Go To PDF Page Download Datasheet
TBD62003A Datasheet PDF - Toshiba Semiconductor

Part # TBD62003A
Download  TBD62003A Click to download

File Size   351.1 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 7channel sink type DMOS transistor array

TBD62003A Datasheet (HTML) - Toshiba Semiconductor


TBD62003A Product details

7channel sink type DMOS transistor array

TBD62003A series and TBD62004A series are DMOS transistor array with 7 circuits. It has a clamp diode for switching inductive loads built-in in each output. Please be careful about thermal conditions during use.

Features
• 7 circuits built-in
• High voltage : VOUT = 50 V (MAX)
• High current : IOUT = 500 mA/ch (MAX)
• Input voltage(output on) : TBD62003A series 2.5 V (MIN)
                                           TBD62004A series 7.0 V (MIN)
• Input voltage(output off) : TBD62003A series 0.6 V (MAX)
                                           TBD62004A series 1.0 V (MAX)
• Package : PG type DIP16-P-300-2.54A
                   FG type SOP16-P-225-1.27
                   FNG type SSOP16-P-225-0.65B
                   FWG type P-SOP16-0410-1.27-002




Similar Part No. - TBD62003A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TBD62064AFAG TOSHIBA-TBD62064AFAG Datasheet
246Kb / 9P
4channel high current sink type DMOS transistor array
TBD62064AFG TOSHIBA-TBD62064AFG Datasheet
366Kb / 9P
4channel high current sink type DMOS transistor array
TBD62064APG TOSHIBA-TBD62064APG Datasheet
366Kb / 9P
4channel high current sink type DMOS transistor array
TBD62083A TOSHIBA-TBD62083A Datasheet
622Kb / 11P
TOSHIBA BiCD Integrated Circuit Silicon Monolithic
TBD62083AFG TOSHIBA-TBD62083AFG Datasheet
622Kb / 11P
TOSHIBA BiCD Integrated Circuit Silicon Monolithic
More results


Similar Description - TBD62003A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62003 TOSHIBA-TB62003 Datasheet
297Kb / 9P
8 CH DMOS TRANSISTOR ARRAY WITH GATE
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
DUAL POWER DMOS ARRAY
logo
Mitsubishi Electric Sem...
M54513FP MITSUBISHI-M54513FP Datasheet
242Kb / 5P
8-UNIT 50mA TRANSISTOR ARRAY SINK TYPE
M54583FP MITSUBISHI-M54583FP Datasheet
315Kb / 6P
8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY SINK TYPE
logo
Toshiba Semiconductor
TBD62064AFAG TOSHIBA-TBD62064AFAG Datasheet
246Kb / 9P
4channel high current sink type DMOS transistor array
TBD62308AFAG TOSHIBA-TBD62308AFAG Datasheet
251Kb / 9P
4channel Low active high current sink type DMOS transistor array
TBD62064APG TOSHIBA-TBD62064APG Datasheet
366Kb / 9P
4channel high current sink type DMOS transistor array
TBD62783APG TOSHIBA-TBD62783APG Datasheet
561Kb / 11P
8channel source type DMOS transistor array
TBD62089APG TOSHIBA-TBD62089APG Datasheet
336Kb / 8P
8-ch Sink Type DMOS Transistor Array with D-type Flip-Flop
TBD62789APG TOSHIBA-TBD62789APG Datasheet
235Kb / 8P
8-ch source type DMOS transistor array including D type flip-flop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com