Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3201 Datasheet (PDF) - Lowpower Semiconductor inc

LP3201 Datasheet PDF - Lowpower Semiconductor inc
Part # LP3201
Download  LP3201 Download
File Size   425.7 Kbytes
Page   10 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 1.5MHz, 1A Step-Down Converter

LP3201 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3201 Datasheet PDF - Lowpower Semiconductor inc

Part # LP3201
Download  LP3201 Click to download

File Size   425.7 Kbytes
Page   10 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 1.5MHz, 1A Step-Down Converter

LP3201 Datasheet (HTML) - Lowpower Semiconductor inc




Similar Part No. - LP3201

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3202 POWER-LP3202 Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202-A12B5F POWER-LP3202-A12B5F Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202-A18B5F POWER-LP3202-A18B5F Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202-A25B5F POWER-LP3202-A25B5F Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202-A28B5F POWER-LP3202-A28B5F Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
More results


Similar Description - LP3201

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
1A, 1.5MHz Step-Down Converter
VER 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com