Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJF3055 Datasheet (PDF) - ON Semiconductor

MJF3055 Datasheet PDF - ON Semiconductor
Part # MJF3055
Download  MJF3055 Download
File Size   156.43 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description COMPLEMENTARY SILICON POWER TRANSISTORS

MJF3055 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJF3055 Datasheet PDF - ON Semiconductor

Part # MJF3055
Download  MJF3055 Click to download

File Size   156.43 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description COMPLEMENTARY SILICON POWER TRANSISTORS

MJF3055 Datasheet (HTML) - ON Semiconductor


MJF3055 Product details

MJF3055 (NPN)

MJF2955 (PNP)



COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS, 30 WATTS



Specifically designed for general purpose amplifier and switching applications.



Features

• Isolated Overmold Package (1500 Volts RMS Min)

• Electrically Similar to the Popular MJE3055T and MJE2955T

• Collector−Emitter Sustaining Voltage − VCEO(sus) 90 Volts

• 10 Amperes Rated Collector Current

• No Isolating Washers Required

• Reduced System Cost

• UL Recognized, File #E69369, to 3500 VRMS Isolation

• Epoxy Meets UL 94 V−0 at 0.125 in

• ESD Ratings: Machine Model, C; 400 V

               Human Body Model, 3B; 8000 V

• Pb−Free Packages are Available*




Similar Part No. - MJF3055

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
logo
ON Semiconductor
MJF3055 ONSEMI-MJF3055 Datasheet
120Kb / 5P
Complementary Silicon Power Transistors
July, 2008 ??Rev. 7
MJF3055G ONSEMI-MJF3055G Datasheet
120Kb / 5P
Complementary Silicon Power Transistors
July, 2008 ??Rev. 7
MJF3055 ONSEMI-MJF3055_08 Datasheet
120Kb / 5P
Complementary Silicon Power Transistors
July, 2008 ??Rev. 7
More results


Similar Description - MJF3055

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com