Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF26NM60N Datasheet (PDF) - Inchange Semiconductor Company Limited

STF26NM60N Datasheet PDF - Inchange Semiconductor Company Limited
Part # STF26NM60N
Download  STF26NM60N Download
File Size   310.89 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

STF26NM60N Datasheet (PDF)

Go To PDF Page Download Datasheet
STF26NM60N Datasheet PDF - Inchange Semiconductor Company Limited

Part # STF26NM60N
Download  STF26NM60N Click to download

File Size   310.89 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

STF26NM60N Datasheet (HTML) - Inchange Semiconductor Company Limited


STF26NM60N Product details

DESCRIPTION
• Low Drain-Source On-Resistance

FEATURES
• Drain Current –ID=20A@ TC=25℃
• Drain Source Voltage- : VDSS= 600V(Min)
• Static Drain-Source On-Resistance : RDS(on) = 165mΩ (Max)
• 100% avalanche tested
• Minimum Lot-to-Lot variations for robust device performance and reliable operation

APPLICATIONS
• Switching application




Similar Part No. - STF26NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
logo
VBsemi Electronics Co.,...
STF26NM60N VBSEMI-STF26NM60N Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
logo
STMicroelectronics
STF26NM60N-H STMICROELECTRONICS-STF26NM60N-H Datasheet
707Kb / 12P
N-channel 600 V, 0.135 ?? 20 A MDmesh™II Power MOSFET in TO-220FP
12-Jan-2010
STF26NM60ND STMICROELECTRONICS-STF26NM60ND Datasheet
1Mb / 23P
Low input capacitance and gate charge
28-Nov-2013
logo
Inchange Semiconductor ...
STF26NM60ND ISC-STF26NM60ND Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STF26NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com