Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHM-49MC Datasheet (PDF) - List of Unclassifed Manufacturers

SHM-49MC Datasheet PDF - List of Unclassifed Manufacturers
Part # SHM-49MC
Download  SHM-49MC Download
File Size   42.16 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Miniature, High-Speed -0.01% Sample-Hold Amplifiers

SHM-49MC Datasheet (PDF)

Go To PDF Page Download Datasheet
SHM-49MC Datasheet PDF - List of Unclassifed Manufacturers

Part # SHM-49MC
Download  SHM-49MC Click to download

File Size   42.16 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Miniature, High-Speed -0.01% Sample-Hold Amplifiers

SHM-49MC Datasheet (HTML) - List of Unclassifed Manufacturers


SHM-49MC Product details

[DATEL, Inc.]

GENERAL DESCRIPTION
DATEL’s SHM-49 is a high-speed, highly accurate sample/hold designed for precision, high-speed analog signal processing applications. The SHM-49 features excellent dynamic specifications including a maximum acquisition time of only 200 nanoseconds for a 10V step to ±0.01%.
Sample-to-hold settling time, to ±0.01% accuracy, is 100 nanoseconds maximum with an aperture uncertainty of ±25 picoseconds.
The SHM-49 is a complete sample/hold circuit, containing a precision MOS hold capacitor and a MOSFET switching configuration which results in faster switching and better feedthrough attenuation. Additionally, a FET input amplifier design allows faster acquisition and settling times while maintaining a considerably lower droop rate.

FEATURES
• Small 8-pin DIP package
• 200ns max. acquisition time to ±0.01%
• 100ns max. sample-to-hold settling time to ±0.01%
• 16MHz small signal bandwidth
• 74dB feedthrough attenuation
• ±25 picoseconds aperture uncertainty
• 415mW maximum power dissipation




Similar Part No. - SHM-49MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-49MC MURATA-PS-SHM-49MC Datasheet
135Kb / 3P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
logo
DATEL, Inc.
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
More results


Similar Description - SHM-49MC

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1009 SONY-CXA1009 Datasheet
740Kb / 19P
HIGH-SPEED SAMPLE AND HOLD AMPLIFIERS
logo
List of Unclassifed Man...
SHM-950 ETC1-SHM-950 Datasheet
60Kb / 3P
Miniature, High-Speed 짹0.001% Sample-Hold Amplifiers
SHM-4860 ETC2-SHM-4860 Datasheet
44Kb / 3P
Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-50 MURATA-PS-SHM-50 Datasheet
146Kb / 3P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
SHM-43 MURATA-PS-SHM-43 Datasheet
129Kb / 5P
High-Speed, 0.01% Hybrid Sample/Hold
SHM-49 MURATA-PS-SHM-49 Datasheet
135Kb / 3P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
SHM-950 MURATA-PS-SHM-950 Datasheet
140Kb / 3P
Miniture, High-Speed 짹0.001% Sample-Hold Amplifiers
SHM-4860 MURATA-PS-SHM-4860 Datasheet
143Kb / 4P
Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
logo
DATEL, Inc.
SHM-43 DATEL-SHM-43 Datasheet
117Kb / 4P
High-Speed, 0.01% Hybrid Sample/Hold
SHM-950 DATEL-SHM-950 Datasheet
234Kb / 3P
Miniature, High-Speed 짹0.001% Sample-Hold Amplifi ers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com