Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

314 Datasheet (PDF) - 3M Electronics

314 Datasheet PDF - 3M Electronics
Part # 314
Download  314 Download
File Size   62.41 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Self-Stripping Moisture Resistant

314 Datasheet (PDF)

Go To PDF Page Download Datasheet
314 Datasheet PDF - 3M Electronics

Part # 314
Download  314 Click to download

File Size   62.41 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Self-Stripping Moisture Resistant

314 Datasheet (HTML) - 3M Electronics


314 Product details

Applications
■ Use Part No. 314 to electrically connect two or three wire ends, insulate the connection, and provide a moisture resistant seal. Wire Range 22-14 AWG Solid or stranded, tinned or untinned (0,5-1.5 mm2) copper conductors. For use with common thermoplastic insulated wires: T, TF, TFF, TFN, TFFN, AWM, TEW, SAE-GPT with a maximum insulation diameter of .150 inches (3,8 mm). Maximum recommended current for general purpose applications: 22 AWG - 3 AMPS, 20 AWG - 5 AMPS, 18 AWG - 7 AMPS, 16 AWG - 10 AMPS, 14 AWG - 15 AMPS. Construction U-contact - Tin plated brass, .02 in. (0,5 mm) thick Insulator - Flame retardant nylon, Color - cap/dk. blue, body/white Sealant - Mineral Oil Base EG-3 Grease Weight .0077 lb. (3,49 gm) Recommended Installation Tools 3M™ Crimping Tool No. E-9BM Mechanics (slip joint) Pliers Installation Instructions 1. Insert 2 or 3 unstripped wires completely into connector and check their position by looking through the translucent connector body. 2. Hold tool perpendicular to the wires and make the connection by driving the cap down flush with the top edge of the connector body. Regulatory Agencies UL Listed - Tested per UL Standard 486C UL file No. E23438 CSA certified - CSA Std. C22.2 No. 0. 188-MI983 CSA File No. LR15503 (Voltage rated at 600 volts maximum, building wire: 1000 volts maximum, signs, fixtures and luminaires. Operating Temperature: 105˚C.)




Similar Part No. - 314

ManufacturerPart #DatasheetDescription
logo
Littelfuse
314 LITTELFUSE-314 Datasheet
53Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
314 LITTELFUSE-314 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
314 ADAFRUIT-314 Datasheet
95Kb / 2P
Clear Piranha Super-flux RGB LED - Common Anode
7/16/2015
logo
Marathon Special Produc...
314 MARATHON-314 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
AVAGO TECHNOLOGIES LIMI...
314 AVAGO-314 Datasheet
492Kb / 13P
0.6 Amp Output Current IGBT Gate Driver Optocoupler
Nopvember 8, 2006
More results


Similar Description - 314

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
29348 RHOPOINT-29348 Datasheet
101Kb / 1P
Micro-capsule moisture resistant platinum
logo
Silonex Inc.
NSL-32SR3 SILONEX-NSL-32SR3 Datasheet
38Kb / 1P
Compact, moisture resistant package
logo
API Delevan
NSL-37-004 API-NSL-37-004 Datasheet
109Kb / 1P
Compact, moisture resistant package
NSL-37-034 API-NSL-37-034 Datasheet
109Kb / 1P
Compact, moisture resistant package
logo
ZF Friedrichshafen AG
E72 ZFSWITCHES-E72 Datasheet
2Mb / 2P
Moisture resistant
logo
3M Electronics
558 3M-558 Datasheet
67Kb / 2P
Self-Stripping Electrical Tap Connector 558
Nov-2010
804 3M-804 Datasheet
533Kb / 2P
Scotchlok™ Moisture Resistant Self-Stripping Electrical Tap Connector 804
316IR 3M-316IR Datasheet
75Kb / 2P
3M™ Scotchlok™ Moisture Resistant Self-Stripping Electrical Spring Connector 316IR
Nov-2010
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
Moisture Resistant Carbon Film Resistor
10/22/2020
logo
3M Electronics
905 3M-905 Datasheet
82Kb / 2P
Self-Stripping Electrical Connectors
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com