Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8810 Datasheet (PDF) - 3M Electronics

8810 Datasheet PDF - 3M Electronics
Part # 8810
Download  8810 Download
File Size   175.98 Kbytes
Page   7 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Thermally Conductive Adhesive Transfer Tapes

8810 Datasheet (PDF)

Go To PDF Page Download Datasheet
8810 Datasheet PDF - 3M Electronics

Part # 8810
Download  8810 Click to download

File Size   175.98 Kbytes
Page   7 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Thermally Conductive Adhesive Transfer Tapes

8810 Datasheet (HTML) - 3M Electronics


8810 Product details

Features
■ High mechanical strength
■ Improved surface wet-out for rough surface/LSE substrates
■ Excellent shock performance
■ Wider and longer roll is available
■ Halogen free*
■ Ideal for thin bonding applications
■ Good thermal transfer Product Construction 3M™ Thermally Conductive Adhesive Transfer Tapes Product Number 8805 8810 8815 8820 Color White Tape Type Filled Acrylic Polymer Tape Thickness 0.125 mm (5 mils) 0.25 mm (10 mils) 0.375 mm (15 mils) 0.50 mm (20 mils) Filler Type Ceramic Liner Type Dual liner using silicone-treated polyester. Easy release PET liner is clear in color, tight side PET liner is blue in color Liner Thickness 37.5-50 µm (1.5~2 mils) thickness for inside or outside wound liner.
■ Halogen Free is defined as having maximum 900 ppm bromine, maximum 900 ppm chlorine, and/or maximum 1500 ppm total bromine and chlorine, per IEC 61249-2-21.




Similar Part No. - 8810

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8810 HOTTECH-8810 Datasheet
1Mb / 4P
Dual N-Channel Enhancement Mode MOSFET
logo
SHENZHEN FUMAN ELECTRON...
8810 FUMAN-8810 Datasheet
270Kb / 1P
N-channel power MOS field effect tube
logo
VBsemi Electronics Co.,...
8810 VBSEMI-8810 Datasheet
973Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
8810 TUOFENG-8810 Datasheet
507Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Belden Inc.
8810 BELDEN-8810 Datasheet
150Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, CM
04-14-2023
More results


Similar Description - 8810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2815A ETC2-2815A Datasheet
333Kb / 3P
THERMALLY CONDUCTIVE DIE ATTACH ADHESIVE
logo
3M Electronics
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
VHB™ Adhesive Transfer Tapes with Adhesive 100MP
Apr-2005
9882 3M-9882 Datasheet
213Kb / 5P
3M™ Thermally Conductive Adhesive Transfer Tapes
Sep-2010
logo
List of Unclassifed Man...
LB-SA-1000 ETC2-LB-SA-1000 Datasheet
409Kb / 2P
Thermally Conductive, One-Part,Liquid Silicone Adhesive
logo
3M Electronics
TC-2707 3M-TC-2707 Datasheet
239Kb / 4P
3M™ Thermally Conductive Epoxy Adhesive TC-2707
Sep-2018
9703 3M-9703 Datasheet
148Kb / 5P
Electrically Conductive Adhesive Transfer Tape 9703
Oct-2015
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
9380 3M-9380 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
9379 3M-9379 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
TC-2810 3M-TC-2810 Datasheet
234Kb / 4P
3M??Thermally Conductive Epoxy Adhesive TC-2810
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com