Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C33128NTF32B Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C33128NTF32B Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C33128NTF32B
Download  AS7C33128NTF32B Download
File Size   416.55 Kbytes
Page   18 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD

AS7C33128NTF32B Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C33128NTF32B Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C33128NTF32B
Download  AS7C33128NTF32B Click to download

File Size   416.55 Kbytes
Page   18 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD

AS7C33128NTF32B Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C33128NTF32B Product details

Functional description
The AS7C33128PFS32B and AS7C33128PFS36B are high-performance CMOS 4-Mbit synchronous Static Random Access Memory (SRAM) devices organized as 131,072 words × 32 or 36 bits, and incorporate a two-stage register-register pipeline for highest frequency on any given technology.

Features
• Organization: 131,072 words × 32 or 36 bits
• Fast clock speeds to 200 MHz
• Fast clock to data access: 3.0/3.5/4.0 ns
• Fast OE access time: 3.0/3.5/4.0 ns
• Fully synchronous register-to-register operation
• Single-cycle deselect
• Asynchronous output enable control
• Available in 100-pin TQFP package
• Individual byte write and global write
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• Linear or interleaved burst control
• Snooze mode for reduced power-standby
• Common data inputs and data outputs




Similar Part No. - AS7C33128NTF32B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128NTF18B ALSC-AS7C33128NTF18B Datasheet
429Kb / 19P
3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B-10TQC ALSC-AS7C33128NTF18B-10TQC Datasheet
429Kb / 19P
3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B-10TQCN ALSC-AS7C33128NTF18B-10TQCN Datasheet
429Kb / 19P
3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B-10TQI ALSC-AS7C33128NTF18B-10TQI Datasheet
429Kb / 19P
3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B-10TQIN ALSC-AS7C33128NTF18B-10TQIN Datasheet
429Kb / 19P
3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
More results


Similar Description - AS7C33128NTF32B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C251MNTF32A ALSC-AS7C251MNTF32A Datasheet
414Kb / 18P
2.5V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MNTF18A ALSC-AS7C331MNTF18A Datasheet
424Kb / 18P
3.3V 1M x 18 Flowthrough Synchronous SRAM with NTD
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C3364NTF32B ALSC-AS7C3364NTF32B Datasheet
418Kb / 19P
3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B ALSC-AS7C33128NTF18B Datasheet
429Kb / 19P
3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF18B ALSC-AS7C33256NTF18B Datasheet
427Kb / 18P
3.3V 256K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF32A ALSC-AS7C33256NTF32A Datasheet
427Kb / 18P
3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com