Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

155-1621 Datasheet (PDF) - Gilway Technical Lamp

155-1621 Datasheet PDF - Gilway Technical Lamp
Part # 155-1621
Download  155-1621 Download
File Size   84.95 Kbytes
Page   1 Pages
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp
Description L6430 12V, 35W, 15H/5-AL

155-1621 Datasheet (PDF)

Go To PDF Page Download Datasheet
155-1621 Datasheet PDF - Gilway Technical Lamp

Part # 155-1621
Download  155-1621 Click to download

File Size   84.95 Kbytes
Page   1 Pages
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp
Description L6430 12V, 35W, 15H/5-AL

155-1621 Datasheet (HTML) - Gilway Technical Lamp




Similar Part No. - 155-1621

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1620 GILWAY-155-1620 Datasheet
112Kb / 1P
L7402 12V / 20 Watt G4 Halogen
155-1623 GILWAY-155-1623 Datasheet
75Kb / 1P
GHB-3M40D-G
155-1624 GILWAY-155-1624 Datasheet
76Kb / 1P
GHB-3M40D-Y2
155-1627 GILWAY-155-1627 Datasheet
78Kb / 1P
L1060 T1*1/2 12V Xenon
More results


Similar Description - 155-1621

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TR636E-10163 HIROSE-TR636E-10163 Datasheet
542Kb / 23P
QUALITY EVALUATION TEST REPORT IT3-15H
logo
Delta Electronics, Inc.
PMC-12V035W1AA DELTA-PMC-12V035W1AA Datasheet
932Kb / 2P
Panel Mount Power Supply 12V 35W 1 Phase
logo
Level One
POS-1001 LVL1-POS-1001 Datasheet
559Kb / 3P
5-12V DC Gigabit PoE Splitter
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
5-12V DC PoE Splitter
logo
ORION FANS
OD5210 ORIONFANS-OD5210 Datasheet
1Mb / 1P
DC Fan - 5, 12V
logo
Molex Electronics Ltd.
130105-0049 MOLEX11-130105-0049 Datasheet
48Kb / 1P
Watertite Wet Location 35W 12V Flood Light with Screw Release Guard
1301050035 MOLEX11-1301050035 Datasheet
41Kb / 1P
Watertite Wet Location 35W 12V Flood Light with In-line Transformer
1301050036 MOLEX11-1301050036 Datasheet
52Kb / 1P
Watertite Wet Location 35W 12V Flood Light with In-line Transformer
logo
Texas Instruments
PT3400 TI1-PT3400_14 Datasheet
330Kb / 15P
35W Output Power
logo
Weidmuller
2660200278 WEIDMULLER-2660200278 Datasheet
149Kb / 3P
PRO PM 35W 12V 3A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com