Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F913 Datasheet (PDF) - Microchip Technology

PIC16F913 Datasheet PDF - Microchip Technology
Part # PIC16F913
Download  PIC16F913 Download
File Size   4487.67 Kbytes
Page   272 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology

PIC16F913 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F913 Datasheet PDF - Microchip Technology

Part # PIC16F913
Download  PIC16F913 Click to download

File Size   4487.67 Kbytes
Page   272 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology

PIC16F913 Datasheet (HTML) - Microchip Technology


PIC16F913 Product details

High-Performance RISC CPU:
• Only 35 instructions to learn:
   - All single-cycle instructions except branches
• Operating speed:
   - DC – 20 MHz oscillator/clock input
   - DC – 200 ns instruction cycle
• Program Memory Read (PMR) capability
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative Addressing modes

Special Microcontroller Features:
• Precision Internal Oscillator:
   - Factory calibrated to ±1%, typical
   - Software selectable frequency range of 8 MHz to 125 kHz
   - Software tunable
   - Two-Speed Start-up mode
   - External Oscillator fail detect for critical applications
   - Clock mode switching during operation for power savings
• Software selectable 31 kHz internal oscillator
• Power-Saving Sleep mode
• Wide operating voltage range (2.0V-5.5V)
• Industrial and Extended temperature range
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR) with software control option
• Enhanced Low-Current Watchdog Timer (WDT) with on-chip oscillator (software selectable nominal 268 seconds with full prescaler) with software enable
• Multiplexed Master Clear with pull-up/input pin
• Programmable code protection
• High-Endurance Flash/EEPROM cell:
   - 100,000 write Flash endurance
   - 1,000,000 write EEPROM endurance
   - Flash/Data EEPROM retention: > 40 years

Low-Power Features:
• Standby Current:
   - <100 nA @ 2.0V, typical
• Operating Current:
   - 11 μA @ 32 kHz, 2.0V, typical
   - 220 μA @ 4 MHz, 2.0V, typical
• Watchdog Timer Current:
   - 1 μA @ 2.0V, typical

Peripheral Features:
• Liquid Crystal Display module:
   - Up to 60/96/168 pixel drive capability on 28/40/64-pin devices, respectively
   - Four commons
• Up to 24/35/53 I/O pins and 1 input-only pin:
   - High-current source/sink for direct LED drive
   - Interrupt-on-change pin
   - Individually programmable weak pull-ups
• In-Circuit Serial Programming™ (ICSP™) via two pins
• Analog comparator module with:
   - Two analog comparators
   - Programmable on-chip voltage reference (CVREF) module (% of VDD)
   - Comparator inputs and outputs externally accessible
• A/D Converter:
- 10-bit resolution and up to 8 channels
• Timer0: 8-bit timer/counter with 8-bit programmable prescaler
• Enhanced Timer1:
   - 16-bit timer/counter with prescaler
   - External Timer1 Gate (count enable)
   - Option to use OSC1 and OSC2 as Timer1 oscillator if INTOSCIO or LP mode is selected
• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler
• Addressable Universal Synchronous Asynchronous Receiver Transmitter (AUSART)
• Up to 2 Capture, Compare, PWM modules:
   - 16-bit Capture, max. resolution 12.5 ns
   - 16-bit Compare, max. resolution 200 ns
   - 10-bit PWM, max. frequency 20 kHz
• Synchronous Serial Port (SSP) with I2C™




Similar Part No. - PIC16F913

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F913 MICROCHIP-PIC16F913 Datasheet
6Mb / 330P
28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2007
logo
Matrix Technology Solut...
PIC16F913 MATRIX-PIC16F913 Datasheet
2Mb / 13P
This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).
logo
Microchip Technology
PIC16F913-E/ML MICROCHIP-PIC16F913-E/ML Datasheet
6Mb / 330P
28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC16F913-E/MLQTP MICROCHIP-PIC16F913-E/MLQTP Datasheet
6Mb / 330P
28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC16F913-E/P MICROCHIP-PIC16F913-E/P Datasheet
6Mb / 330P
28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2007
More results


Similar Description - PIC16F913

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F946 MICROCHIP-PIC16F946 Datasheet
4Mb / 274P
64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2005
PIC16F913 MICROCHIP-PIC16F913_07 Datasheet
6Mb / 330P
28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC16F882 MICROCHIP-PIC16F882 Datasheet
5Mb / 288P
28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F193X MICROCHIP-PIC16F193X Datasheet
7Mb / 418P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2008
PIC16F882 MICROCHIP-PIC16F882_09 Datasheet
5Mb / 328P
28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F193X MICROCHIP-PIC16F193X_09 Datasheet
4Mb / 508P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2009
PIC16LF1904 MICROCHIP-PIC16LF1904 Datasheet
2Mb / 288P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2011
PIC16F1933 MICROCHIP-PIC16F1933_11 Datasheet
4Mb / 430P
28-Pin Flash-Based, 8-Bit CMOS Microcontrollers LCD Driver and nanoWatt XLP Technology
2011
PIC16F1938 MICROCHIP-PIC16F1938_13 Datasheet
9Mb / 488P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver
11/29/12 2011-2013
PIC16LF1906-I MICROCHIP-PIC16LF1906-I Datasheet
2Mb / 288P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
02/17/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com