Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS6513 Datasheet (PDF) - Princeton Technology Corp

RS6513 Datasheet PDF - Princeton Technology Corp
Part # RS6513
Download  RS6513 Download
File Size   209.99 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2A, Asynchronous PWM Control DC/DC Step-Down Regulator

RS6513 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS6513 Datasheet PDF - Princeton Technology Corp

Part # RS6513
Download  RS6513 Click to download

File Size   209.99 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2A, Asynchronous PWM Control DC/DC Step-Down Regulator

RS6513 Datasheet (HTML) - Princeton Technology Corp




Similar Part No. - RS6513

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6513 ORISTER-RS6513 Datasheet
216Kb / 7P
PWM Control 2A Step-Down Converter
RS6513S ORISTER-RS6513S Datasheet
216Kb / 7P
PWM Control 2A Step-Down Converter
More results


Similar Description - RS6513

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Fitipower Integrated Te...
FR9701 FITIPOWER-FR9701 Datasheet
698Kb / 12P
23V, 2A, 600KHz Asynchronous Synchronous Step-Down DC/DC Converter
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR97063A FITIPOWER-FR97063A Datasheet
831Kb / 12P
23V, 2A, 600KHz Asynchronous Step-Down DC/DC Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com