Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX4915 Datasheet (PDF) - Princeton Technology Corp

TX4915 Datasheet PDF - Princeton Technology Corp
Part # TX4915
Download  TX4915 Download
File Size   159.71 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description TX4915 Low Power ASK Transmitter IC

TX4915 Datasheet (PDF)

Go To PDF Page Download Datasheet
TX4915 Datasheet PDF - Princeton Technology Corp

Part # TX4915
Download  TX4915 Click to download

File Size   159.71 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description TX4915 Low Power ASK Transmitter IC

TX4915 Datasheet (HTML) - Princeton Technology Corp


TX4915 Product details

Description
The TX4915 is a low power ASK transmitter IC intended for applications in the North American and European VHF/UHF bands. The integrated voltage-controlled oscillator (VCO), phase/frequency detector, prescaler, and reference oscillator require only the addition of an external crystal to provide a complete phase-locked loop (PLL). In addition to the standard power-down mode, the chip also includes an automatic lock-detect feature that disables the transmitter output when the PLL is out-of-lock.

Features
◆ Output frequency range: 300 – 960 MHz
◆ Supply voltage range: 2.2 – 3.6 V
◆ Low current consumption with power down capability
◆ On-chip VCO with integrated PLL (÷ 64/128) dual modulus prescaler
◆ Out-of-lock inhibit circuit
◆ SSOP-16 package (0.64 mm pitch)

Applications
◆ Wireless mouse
◆ Car alarm and home security systems
◆ Remote control systems




Similar Part No. - TX4915

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX4915 ETC-TX4915 Datasheet
234Kb / 9P
TX4915 VHF/UHF TRANSMITTER
More results


Similar Description - TX4915

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX4915 ETC-TX4915 Datasheet
234Kb / 9P
TX4915 VHF/UHF TRANSMITTER
RX3400 ETC-RX3400 Datasheet
87Kb / 7P
Low Power ASK Receiver IC
logo
Silicon Storage Technol...
SSTX4915 SST-SSTX4915 Datasheet
556Kb / 9P
LOW POWER ASK TRANSMITTER IC
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002 Datasheet
512Kb / 20P
ASK Transmitter
logo
Princeton Technology Co...
PT4450 PTC-PT4450 Datasheet
211Kb / 11P
SAW-based ASK/OOK Transmitter IC
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002_12 Datasheet
700Kb / 20P
ASK Transmitter
TH72032 MELEXIS-TH72032_12 Datasheet
691Kb / 20P
ASK Transmitter
TH72012 MELEXIS-TH72012_12 Datasheet
696Kb / 20P
ASK Transmitter
logo
Dorji Industrial Group ...
DRA888TX DORJI-DRA888TX Datasheet
110Kb / 2P
LOW POWER ASK TRANSMITTER MODULE
logo
Princeton Technology Co...
PT4455 PTC-PT4455 Datasheet
167Kb / 4P
PLL-based OOK/ASK Transmitter IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com