Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E530 Datasheet (PDF) - Gilway Technical Lamp

E530 Datasheet PDF - Gilway Technical Lamp
Part # E530
Download  E530 Download
File Size   1012.81 Kbytes
Page   8 Pages
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp
Description Engineering Catalog 169

E530 Datasheet (PDF)

Go To PDF Page Download Datasheet
E530 Datasheet PDF - Gilway Technical Lamp

Part # E530
Download  E530 Click to download

File Size   1012.81 Kbytes
Page   8 Pages
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp
Description Engineering Catalog 169

E530 Datasheet (HTML) - Gilway Technical Lamp


E530 Product details

Surface Mount LEDs, SOT-23 Package

Surface Mount, Bi-Color LEDs, SOT-23 Package

Surface Mount, Gull Wing LEDs

Surface Mount LEDs (Rectangular Lens)

Surface Mount LEDs (Round Lens)

Surface Mount LEDs with Resistor - 5V

Surface Mount LEDs with Resistor - 12V

Surface Mount, Bi-Color LEDs

Surface Mount Infrared LEDs: 880nm, 940nm

Low Profile Surface Mount LEDs (standard package 0805)

Low Profile Surface Mount LEDs (standard package 1206)

Right Angle/Side Lighting Surface Mount LEDs

Axial Lead LEDs




Similar Part No. - E530

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
E5300T CHERRY-E5300T Datasheet
2Mb / 2P
Long life coil spring mechanism
More results


Similar Description - E530

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E164 GILWAY-E164 Datasheet
45Kb / 1P
Engineering Catalog 169
E169 GILWAY-E169 Datasheet
7Mb / 4P
Engineering Catalog 169
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
Interactive Catalog Replaces Catalog Pages
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com