Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-STWINKT1 Datasheet (PDF) - STMicroelectronics

STEVAL-STWINKT1 Datasheet PDF - STMicroelectronics
Part # STEVAL-STWINKT1
Download  STEVAL-STWINKT1 Download
File Size   1816.04 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SensorTile Wireless Industrial Node development kit and reference

STEVAL-STWINKT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-STWINKT1 Datasheet PDF - STMicroelectronics

Part # STEVAL-STWINKT1
Download  STEVAL-STWINKT1 Click to download

File Size   1816.04 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SensorTile Wireless Industrial Node development kit and reference

STEVAL-STWINKT1 Datasheet (HTML) - STMicroelectronics


STEVAL-STWINKT1 Product details

Description
The STWIN SensorTile wireless industrial node (STEVAL-STWINKT1) is a development kit and reference design that simplifies prototyping and testing of advanced industrial IoT applications such as condition monitoring and predictive maintenance. The kit features a core system board with a range of embedded industrial-grade sensors and an ultra-low-power microcontroller for vibration analysis of 9-DoF motion sensing data across a wide range of vibration frequencies, including very high frequency audio and ultrasound spectra, and high precision local temperature and environmental monitoring. Product summary STWIN SensorTile Wireless Industrial Node development kit STEVALSTWINKT1 Firmware for STEVAL-STWINKT1 evaluation kit STSWSTWINKT01 Ultra-low-power ARM Cortex-M4 MCU with FPU STM32L4R9ZIJ6 3D Accelerometer + 3D Gyro iNEMO Inertial measurement unit (IMU) with machine learning core ISM330DHCX Ultra-wide bandwidth (up to 6 kHz), low-noise, 3axis digital vibration sensor IIS3DWB Firmware debug and update interface STLINK-V3MINI debugger

Features
■ Multi-sensing wireless platform implementing vibration monitoring and ultrasound detection
■ Built around STWIN core system board with processing, sensing, connectivity and expansion capabilities
■ Ultra-low-power ARM Cortex-M4 MCU at 120 MHz with FPU, 2048 kbytes Flash memory (STM32L4R9)
■ Micro SD Card slot for standalone data logging applications
■ Wireless BLE4.2 (on-board) and Wi-Fi (with STEVAL-STWINWFV1 expansion board), and wired RS485 and USB OTG connectivity
■ Option to implement Authentication and Brand protection secure solution with STSAFE-A110 (footprint)
■ Wide range of industrial IoT sensors: – ultra-wide bandwidth (up to 6 kHz), low-noise, 3-axis digital vibration sensor (IIS3DWB) – 3D accelerometer + 3D Gyro iNEMO inertial measurement unit (ISM330DHCX) with machine learning core – ultra-low-power high performance MEMS motion sensor (IIS2DH) – ultra-low-power 3-axis magnetometer (IIS2MDC) – digital absolute pressure sensor (LPS22HH) – relative humidity and temperature sensor (HTS221) – low-voltage digital local temperature sensor (STTS751) – industrial grade digital MEMS microphone (IMP34DT05) – wideband analog MEMS microphone (MP23ABS1)
■ Modular architecture, expandable via on-board connectors: – STMOD+ and 40-pin flex general purpose expansions – 12-pin male plug for connectivity expansions – 12-pin female plug for sensing expansions
■ Other kit components: – Li-Po battery 480 mAh – STLINK-V3MINI debugger with programming cable – Plastic box




Similar Part No. - STEVAL-STWINKT1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-STWINBX1 STMICROELECTRONICS-STEVAL-STWINBX1 Datasheet
848Kb / 6P
STWIN.box - SensorTile Wireless Industrial Node Development Kit
25-Jan-2023
More results


Similar Description - STEVAL-STWINKT1

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
DE70321 CMLMICRO-DE70321 Datasheet
220Kb / 4P
Development and Demonstration Kit
logo
Advantech Co., Ltd.
ADAM-2510Z ADVANTECH-ADAM-2510Z Datasheet
980Kb / 1P
Wireless Router Node
WISE-1020 ADVANTECH-WISE-1020 Datasheet
839Kb / 2P
Wireless IoT IP Node
WISE-DK1510 ADVANTECH-WISE-DK1510 Datasheet
359Kb / 2P
Development Kit for M2.COM LoRa IoT Node WISE-1510
WISE-1021 ADVANTECH-WISE-1021 Datasheet
457Kb / 2P
Wireless IoT Node
WISE-1020 ADVANTECH-WISE-1020_15 Datasheet
480Kb / 2P
Wireless IoT Node
logo
STMicroelectronics
STEVAL-STLCS01V1 STMICROELECTRONICS-STEVAL-STLCS01V1 Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
STEVAL-STWINBX1 STMICROELECTRONICS-STEVAL-STWINBX1 Datasheet
848Kb / 6P
STWIN.box - SensorTile Wireless Industrial Node Development Kit
25-Jan-2023
UM2777 STMICROELECTRONICS-UM2777 Datasheet
6Mb / 44P
How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
01-Mar-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com