Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62021P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62021P
Download  M62021P Download
File Size   112.54 Kbytes
Page   9 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP

M62021P Datasheet (PDF)

Go To PDF Page Download Datasheet
M62021P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62021P
Download  M62021P Click to download

File Size   112.54 Kbytes
Page   9 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP

M62021P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62021P Product details

DESCRIPTION
The M62021 is a system IC that controls the memory backup function of SRAM and microcomputer (internal RAM). The IC outputs reset signals(RES/RES) to a microcomputer at power-down and power failure.It also shifts the power supply to RAM from main to backup,outputs a signal (CS) that invokes standby mode,and alters RAM to backup circuit mode.

FEATURES
•Built-in switch for selection between main power supply and backup power supply to RAM.
•Small difference between input and output voltage (IOUT=80mA,VIN=5V)0.2V typ
•Detection voltage (power supply monitor voltage)4.40V±0.2V
•Chip select signal output(CS) TWo channels of reset outputs(RES/RES)
•Power on reset circuit built-in
•Delay time variable by an external capacitance connected to t pin
•Facilitates to form backup function with a few number of omponents

APPLICATION
Power supply control systems for memory backup of microcomputer system and SRAM boards with built-in
backup function that require switching between external power supply and battery.




Similar Part No. - M62021P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62021P RENESAS-M62021P Datasheet
183Kb / 14P
System Reset IC with Switch for Memory Backup
More results


Similar Description - M62021P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62023L MITSUBISHI-M62023L Datasheet
47Kb / 4P
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
logo
Mitsumi Electronics, Co...
PST620 MITSUMI-PST620 Datasheet
193Kb / 6P
System Reset (with battery back-up) Monolithic IC
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
System Reset (with battery back-up) Monolithic IC
MM1027 MITSUMI-MM1027 Datasheet
121Kb / 11P
System Reset (with battery back-up) Monolithic IC
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
System Reset (with watchdog timerbattery back-up)
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
IC for System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
IC for System Reset Monolithic IC
logo
Renesas Technology Corp
M62023L RENESAS-M62023L_07 Datasheet
207Kb / 13P
System Reset IC with Switch for 3V Memory Back-up
M62021L RENESAS-M62021L Datasheet
183Kb / 14P
System Reset IC with Switch for Memory Backup
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com