Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1121EPA Datasheet (PDF) - Advanced Linear Devices

ALD1121EPA Datasheet PDF - Advanced Linear Devices
Part # ALD1121EPA
Download  ALD1121EPA Download
File Size   55.46 Kbytes
Page   8 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY

ALD1121EPA Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1121EPA Datasheet PDF - Advanced Linear Devices

Part # ALD1121EPA
Download  ALD1121EPA Click to download

File Size   55.46 Kbytes
Page   8 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY

ALD1121EPA Datasheet (HTML) - Advanced Linear Devices


ALD1121EPA Product details

GENERAL DESCRIPTION
ALD1121E/ALD1123E are monolithic quad/dual EPAD® (Electrically Programmable Analog Device) N-channel MOSFETs with electrically adjustable threshold (turn-on) voltage. The ALD1121E/ALD1123E are precision matched and adjusted (e-trimmed) at the factory resulting in quad/dual MOSFETs that are highly matched in electrical characteristics.

FEATURES
• Electrically Programmable Analog Device
• Proven, non-volatile CMOS technology
• Operates from 2V, 3V, 5V to 10V
• Flexible basic circuit building block and design element
• Very high resolution -- average e-trim voltage resolution of 0.1mV
• Wide dynamic range -- current levels from 0.1µA to 3000µA
• Voltage adjustment range from 1.000V to 3.000V in 0.1mV steps
• Typical 10-year drift of less than 2mV
• Usable in voltage mode or current mode
• High input impedance -- 1012Ω
• Very high DC current gain -- greater than 109
• Device operating current has positive temperature coefficient range and negative temperature coefficient range with cross-over zero temperature coefficient current level at 68µA
• Tight matching and tracking of on-resistance between different devices with e-trim
• Very low input currents and leakage currents
• Low cost, monolithic technology
• Application-specific or in-system programming modes
• Optional user software-controlled automation
• Optional e-trim of any standard/custom configuration
• Micropower operation
• Available in standard PDIP, SOIC and hermetic CDIP packages
• Suitable for matched-pair balanced circuit configuration
• Suitable for both coarse and fine trimming, as well as matched MOSFET array applications
• RoHS compliant

APPLICATIONS
• Precision PC-based electronic calibration
• Automated voltage trimming or setting
• Remote voltage or current adjustment of inaccessible nodes
• PCMCIA based instrumentation trimming
• Electrically adjusted resistive load
• Temperature compensated current sources and current mirrors
• Electrically trimmed/calibrated current sources
• Permanent precision preset voltage level shifter
• Low temperature coefficient voltage and/or current bias circuits
• Multiple preset voltage bias circuits
• Multiple channel resistor pull-up or pull-down circuits
• Microprocessor based process control systems
• Portable data acquisition systems
• Battery operated terminals and instruments
• Remote telemetry systems
• E-trimmable gain amplifiers
• Low level signal conditioning
• Sensor and transducer bias currents
• Neural networks




Similar Part No. - ALD1121EPA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1121EPAL ALD-ALD1121EPAL Datasheet
148Kb / 14P
QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
More results


Similar Description - ALD1121EPA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110802 ALD-ALD110802_12 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804_12 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808_12 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110814 ALD-ALD110814_12 Datasheet
107Kb / 11P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804_12 Datasheet
127Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114813 ALD-ALD114813_12 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114835 ALD-ALD114835 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD210808 ALD-ALD210808 Datasheet
113Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
ALD310702 ALD-ALD310702 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD310704 ALD-ALD310704 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com