Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6021SC Datasheet (PDF) - International Rectifier

OM6021SC Datasheet PDF - International Rectifier
Part # OM6021SC
Download  OM6021SC Download
File Size   11.76 Kbytes
Page   1 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package

OM6021SC Datasheet (PDF)

Go To PDF Page Download Datasheet
OM6021SC Datasheet PDF - International Rectifier

Part # OM6021SC
Download  OM6021SC Click to download

File Size   11.76 Kbytes
Page   1 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package

OM6021SC Datasheet (HTML) - International Rectifier


OM6021SC Product details

DESCRIPTION

This series of hermetically packaged products feature the latest advanced MOSFET and packaging technology. They are ideally suited for Military requirements where small size, high performance and high reliability are required, and in applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high energy pulse circuits.



FEATURES

• Isolated Side-Tab Hermetic Metal Package

• Fast Switching, Low Drive Current

• Ease of Paralleling For Added Power

• Low RDS(on)

• Available Screened To MIL-S-19500, TX, TXV And S Levels




Similar Part No. - OM6021SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6020SA ETC-OM6020SA Datasheet
44Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
logo
International Rectifier
OM6025SA IRF-OM6025SA Datasheet
50Kb / 4P
POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
logo
List of Unclassifed Man...
OM6025SC ETC2-OM6025SC Datasheet
40Kb / 4P
POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
logo
International Rectifier
OM6025SC IRF-OM6025SC Datasheet
42Kb / 4P
Isolated Hermetic Metal Package
OM6025SC IRF-OM6025SC_15 Datasheet
42Kb / 4P
Isolated Hermetic Metal Package
More results


Similar Description - OM6021SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5N100NK ETC-OM5N100NK Datasheet
19Kb / 2P
POWER MOSFETS IN A TO-3 PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
logo
Potens Semiconductor Co...
PDD05N50 POTENS-PDD05N50 Datasheet
476Kb / 5P
500V N-Channel MOSFETs
Ver.1.00
logo
Shindengen Electric Mfg...
P19LA10SL SHINDENGEN-P19LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 19A, N-channel
P23LA10SL SHINDENGEN-P23LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 23A, N-channel
P30LA10SL SHINDENGEN-P30LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 30A, N-channel
P32LF10SLK SHINDENGEN-P32LF10SLK Datasheet
1Mb / 7P
Power MOSFETs 100V, 32A, N-channel
P5F50HP2F SHINDENGEN-P5F50HP2F Datasheet
1Mb / 8P
Power MOSFETs 500V, 5A, N-channel
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com