Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1233D Datasheet (PDF) - Alliance Semiconductor Corporation

ASM1233D Datasheet PDF - Alliance Semiconductor Corporation
Part # ASM1233D
Download  ASM1233D Download
File Size   175.47 Kbytes
Page   11 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output

ASM1233D Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM1233D Datasheet PDF - Alliance Semiconductor Corporation

Part # ASM1233D
Download  ASM1233D Click to download

File Size   175.47 Kbytes
Page   11 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output

ASM1233D Datasheet (HTML) - Alliance Semiconductor Corporation


ASM1233D Product details

General Description

The ASM1233D-L/1233D/1233M are voltage supervisors with low-power, 5/3.3V µP Reset, with an active LOW, open-drain output. Maximum supply current over temperature is 15µA for 3.3V devices and 20µA for 5V devices.



Key Features

• Low Supply Current

• 15µA maximum (<=3.6V), 20µA maximum (5.5V)

• Automatically restarts a microprocessor after power failure

• 350ms reset delay after VCC returns to an in-tolerance condition

• Active LOW power-up reset, 5kΩ internal pull-up

• Precision temperature-compensated voltage reference and comparator

• Eliminates external components

• Low-cost SOT-223/SO-8/TO-92 packages

• Operating temperature: -40°C to +85°C



Applications

• Set-top boxes

• Cellular phones

• PDAs

• Energy management systems

• Embedded control systems

• Printers

• Single board computers



 




Similar Part No. - ASM1233D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
ASM1233D ONSEMI-ASM1233D Datasheet
134Kb / 8P
Low Power Open-Drain Output
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1233D-10 PULSECORE-ASM1233D-10 Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233D-10 ONSEMI-ASM1233D-10 Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1233D-10F PULSECORE-ASM1233D-10F Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
More results


Similar Description - ASM1233D

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
ASM1810 ALSC-ASM1810 Datasheet
235Kb / 9P
Low Power, 5V uP Reset Active LOW, Push-Pull Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
Low Power 5V uP Reset Active LOW, Open - Drain Output
ASM1815 ALSC-ASM1815 Datasheet
235Kb / 9P
Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
ASM8500 ALSC-ASM8500 Datasheet
191Kb / 7P
Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
logo
PulseCore Semiconductor
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com