Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1817A Datasheet (PDF) - Alliance Semiconductor Corporation

P1817A Datasheet PDF - Alliance Semiconductor Corporation
Part # P1817A
Download  P1817A Download
File Size   302.67 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Low-Power Mobile VGA EMI Reduction IC

P1817A Datasheet (PDF)

Go To PDF Page Download Datasheet
P1817A Datasheet PDF - Alliance Semiconductor Corporation

Part # P1817A
Download  P1817A Click to download

File Size   302.67 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Low-Power Mobile VGA EMI Reduction IC

P1817A Datasheet (HTML) - Alliance Semiconductor Corporation


P1817A Product details

Product Description
The P1817 is a versatile spread spectrum frequency modulator designed specifically for input clock frequencies. The P1817 reduces electromagnetic interference (EMI) at the clock source, allowing system wide reduction of EMI of down stream clock and data dependent signals. The P1817 allows significant system cost savings by reducing the number of circuit board layers ferrite beads, shielding and other passive components that are traditionally required to pass EMI regulations.

Features
◾ FCC approved method of EMI attenuation.
◾ Generates a low EMI spread spectrum clock of the input frequency.
◾ Optimized for frequency range from:
    o P1817A – 20 to 30MHz. Operation
    o P1817B – 10 to 20MHz Operation
◾ Internal loop filter minimizes external components and board space.
◾ Two selectable spread ranges.
◾ Low inherent cycle-to-cycle jitter.
◾ 3.3V or 5V operating voltage range.
◾ TTL or CMOS compatible outputs.
◾ Ultra-low power CMOS design.
    ◾ 3.17mA @3.3V, 10MHz | 6.20mA@5.0V, 10MHz
    ◾ 4.28mA @3.3V, 14MHz | 7.50mA @5.0V, 14MHz
    ◾ 5.50mA @3.3V, 20MHz | 9.50mA @5.0V, 20MHz
◾ Supports notebook VGA and other LCD timing controller applications.
◾ SSON pin for Spread Spectrum On/Off and Standby Mode controls.
◾ Available in 8-pin SOIC and TSSOP.




Similar Part No. - P1817A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
PulseCore Semiconductor
P1817A-08ST PULSECORE-P1817A-08ST Datasheet
382Kb / 10P
Low-Power Mobile VGA EMI Reduction IC
P1817AF-08SR PULSECORE-P1817AF-08SR Datasheet
382Kb / 10P
Low-Power Mobile VGA EMI Reduction IC
More results


Similar Description - P1817A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
Low Power Mobile VGA EMI Reduction IC
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
Low Power EMI Reduction IC
P1818 ALSC-P1818 Datasheet
60Kb / 8P
Low Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
Low Power Mobile VGA EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
Low Power EMI Reduction IC
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
Low Power EMI Reduction IC
August, 2011 ??Rev. 3
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com