Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2041A Datasheet (PDF) - Alliance Semiconductor Corporation

P2041A Datasheet PDF - Alliance Semiconductor Corporation
Part # P2041A
Download  P2041A Download
File Size   285.41 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Versatile EMI Reduction IC

P2041A Datasheet (PDF)

Go To PDF Page Download Datasheet
P2041A Datasheet PDF - Alliance Semiconductor Corporation

Part # P2041A
Download  P2041A Click to download

File Size   285.41 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Versatile EMI Reduction IC

P2041A Datasheet (HTML) - Alliance Semiconductor Corporation


P2041A Product details

Product Description
The P2041 is a selectable spread spectrum frequency modulator designed specifically for PC peripheral and embedded controller markets .The P2041 reduces electromagnetic interference (EMI) at the clock source which provides system wide reduction of EMI of all clock dependent signals. The P2041 allows significant system cost savings by reducing the number of circuit board layers and shielding that are traditionally required to pass EMI regulations.

Features
◾ FCC approved method of EMI attenuation
◾ Provides up to 20 dB of EMI suppression
◾ Generates a low EMI spread spectrum clock of the input frequency
◾ Optimized for 25 MHz to 60MHz input frequency range
◾ Internal loop filter minimizes external components and board space
◾ 4 selectable spread ranges
◾ SSON control pin for spread spectrum enable and disable options
◾ Characterizes to work with EMI-Lator®, EMC simulation program.
◾ Low cycle-to-cycle jitter
◾ 3.3 V or 5.0 V operating range
◾ 16 mA output drives
◾ TTL or CMOS compatible outputs
◾ Low power CMOS design
◾ Available in 8 pin SOIC and TSSOP

Applications
    The P2041 is targeted towards the embedded controller market and PC peripheral markets including scanners, MFP’s, printers, PDA, IA , and GPS devices.




Similar Part No. - P2041A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2041A PULSECORE-P2041A Datasheet
183Kb / 8P
Versatile EMI Reduction IC
logo
ON Semiconductor
P2041A ONSEMI-P2041A Datasheet
112Kb / 7P
Versatile EMI Reduction IC
August, 2011 ??Rev. 2
logo
PulseCore Semiconductor
P2041AF-08SR PULSECORE-P2041AF-08SR Datasheet
183Kb / 8P
Versatile EMI Reduction IC
logo
ON Semiconductor
P2041AF-08SR ONSEMI-P2041AF-08SR Datasheet
112Kb / 7P
Versatile EMI Reduction IC
August, 2011 ??Rev. 2
logo
PulseCore Semiconductor
P2041AF-08ST PULSECORE-P2041AF-08ST Datasheet
183Kb / 8P
Versatile EMI Reduction IC
More results


Similar Description - P2041A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
EMI Reduction IC
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
EMI Reduction IC
ASM3P2185B ALSC-ASM3P2185B Datasheet
174Kb / 7P
EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
EMI Reduction IC
P2041A PULSECORE-P2041A Datasheet
183Kb / 8P
Versatile EMI Reduction IC
logo
ON Semiconductor
ASM3P2183A ONSEMI-ASM3P2183A Datasheet
121Kb / 6P
EMI Reduction IC
August, 2011 ??Rev. 3
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
P2041A ONSEMI-P2041A Datasheet
112Kb / 7P
Versatile EMI Reduction IC
August, 2011 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com