Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH9135 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LMH9135 Datasheet PDF - Texas Instruments
Part # LMH9135
Download  LMH9135 Download
File Size   1472.82 Kbytes
Page   22 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun

LMH9135 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH9135 Datasheet PDF - Texas Instruments

Part # LMH9135
Download  LMH9135 Click to download

File Size   1472.82 Kbytes
Page   22 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun

LMH9135 Datasheet (HTML) - Texas Instruments




Similar Part No. - LMH9135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH9126 TI1-LMH9126 Datasheet
450Kb / 18P
LMH9126 2.2??.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
LMH9126IRRLR TI1-LMH9126IRRLR Datasheet
450Kb / 18P
LMH9126 2.2??.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
More results


Similar Description - LMH9135

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2951-EPU TRIQUINT-TGA2951-EPU Datasheet
352Kb / 10P
10 Gb/s Single Ended to Differential Amplifier TGA2951-EPU
logo
Hittite Microwave Corpo...
HMC279MS8G HITTITE-HMC279MS8G_10 Datasheet
177Kb / 6P
GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
logo
Texas Instruments
THS3215 TI1-THS3215 Datasheet
1Mb / 71P
THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
LMH9126 TI1-LMH9126 Datasheet
450Kb / 18P
LMH9126 2.2??.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
LMH9235 TI1-LMH9235 Datasheet
424Kb / 16P
LMH9235 3.3 GHz ??3.8 GHz Single-Ended to Differential Amplifier with Integrated Balun
logo
Guerrilla RF, Inc.
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
GRF5536W GUERRILLA-GRF5536W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
logo
NXP Semiconductors
BTS6305U NXP-BTS6305U Datasheet
358Kb / 16P
High linearity pre-driver amplifier with differential input 2.3 GHz - 4.2 GHz
Rev. 1 - 12 April 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com