Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2781A-08ST Datasheet (PDF) - Alliance Semiconductor Corporation

P2781A-08ST Datasheet PDF - Alliance Semiconductor Corporation
Part # P2781A-08ST
Download  P2781A-08ST Download
File Size   169.68 Kbytes
Page   11 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description General Purpose EMI Reduction IC

P2781A-08ST Datasheet (PDF)

Go To PDF Page Download Datasheet
P2781A-08ST Datasheet PDF - Alliance Semiconductor Corporation

Part # P2781A-08ST
Download  P2781A-08ST Click to download

File Size   169.68 Kbytes
Page   11 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description General Purpose EMI Reduction IC

P2781A-08ST Datasheet (HTML) - Alliance Semiconductor Corporation


P2781A-08ST Product details

Product Description

The P278xA is a versatile spread spectrum frequency modulator designed specifically for digital camera and other digital video and imaging applications. The P278xA reduces electromagnetic interference (EMI) at the clock source, which provides system wide reduction of EMI of all clock dependent signals. The P278xA allows significant system cost savings by reducing the number of

circuit board layers and shielding that are traditionally required to pass EMI regulations.



Features

Provides up to 15dB of EMI suppression

FCC approved method of EMI attenuation

Generates a 1X, 2X, and 4X low EMI spread spectrum clock of the input frequency

Input frequency range from 3 to 78MHz

External loop filter for spread % adjustment

Spreading ranges from±0.25% to ±5.0%

Ultra low cycle-to-cycle jitter

Zero-cycle slip

3.3V operating voltage range

10 mA output drives

TTL or CMOS compatible outputs

Ultra-low power CMOS design

P278XA is available in 8 pin SOIC and TSSOP Packages

Available for industrial and automotive temperature ranges.



Applications

The P278xA is targeted towards MFP, xDSL, fax modem, set-top box, USB controller, DSC, and embedded systems.




Similar Part No. - P2781A-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2781AF-08SR PULSECORE-P2781AF-08SR Datasheet
184Kb / 11P
General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781AF-08SR ONSEMI-P2781AF-08SR Datasheet
154Kb / 8P
General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
P2781AF-08ST PULSECORE-P2781AF-08ST Datasheet
184Kb / 11P
General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781AF-08ST ONSEMI-P2781AF-08ST Datasheet
154Kb / 8P
General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
P2781AF-08TR PULSECORE-P2781AF-08TR Datasheet
184Kb / 11P
General Purpose EMI Reduction IC
More results


Similar Description - P2781A-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2008A ALSC-P2008A Datasheet
172Kb / 9P
General Purpose EMI Reduction IC
P2027A ALSC-P2027A Datasheet
549Kb / 9P
General Purpose EMI Reduction IC
P2681A ALSC-P2681A Datasheet
471Kb / 10P
General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
General Purpose EMI Reduction IC
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
General Purpose EMI Reduction IC
P2781 PULSECORE-P2781 Datasheet
184Kb / 11P
General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com