Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS006N08MC Datasheet (PDF) - ON Semiconductor

NTMFS006N08MC Datasheet PDF - ON Semiconductor
Part # NTMFS006N08MC
Download  NTMFS006N08MC Download
File Size   205.02 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, PQFN8 80 V, 32 A

NTMFS006N08MC Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFS006N08MC Datasheet PDF - ON Semiconductor

Part # NTMFS006N08MC
Download  NTMFS006N08MC Click to download

File Size   205.02 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, PQFN8 80 V, 32 A

NTMFS006N08MC Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMFS006N08MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS006N12MC ONSEMI-NTMFS006N12MC Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel
October, 2020 ??Rev. 0
NTMFS006N12MCT1G ONSEMI-NTMFS006N12MCT1G Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel
October, 2020 ??Rev. 0
More results


Similar Description - NTMFS006N08MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS011N15MC ONSEMI-NTMFS011N15MC Datasheet
257Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 5x6 150 V, 11.5 m, 78 A
March, 2020 ??Rev. 1
FDMS4D0N12C ONSEMI-FDMS4D0N12C Datasheet
376Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8
September, 2021 ??Rev. 3
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS010N10G ONSEMI-NTMFS010N10G Datasheet
267Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 10.8 m, 83 A
August, 2021-Rev. P0
NTMFS6H858N ONSEMI-NTMFS6H858N Datasheet
187Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 20.7 m, 32 A
June, 2020-Rev. 2
NTMFS7D8N10G ONSEMI-NTMFS7D8N10G Datasheet
266Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 7.6 m, 110 A
March, 2021-Rev. 0
NTMFSC012N15MC ONSEMI-NTMFSC012N15MC Datasheet
280Kb / 6P
MOSFET - Power, Dualcool N-Channel, PQFN8 150 V, 11.4 m, 80 A
November, 2021-Rev. 0
NTTFS6H880N ONSEMI-NTTFS6H880N Datasheet
209Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 32 m, 22 A
June, 2020 ??Rev. 1
NVMFS6H858N ONSEMI-NVMFS6H858N Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 20.7 m, 32 A
June, 2020 ??Rev. 2
NTBL080N60S5H ONSEMI-NTBL080N60S5H Datasheet
251Kb / 7P
MOSFET - Power, Single N-Channel, SUPERFET, FAST, TOLL-4L 600 V, 80 m, 32 A
October, 2022 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com