Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H885 Datasheet (PDF) - Gilway Technical Lamp

H885 Datasheet PDF - Gilway Technical Lamp
Part # H885
Download  H885 Download
File Size   657.31 Kbytes
Page   2 Pages
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp
Description 5.3mm Base Lampholders

H885 Datasheet (PDF)

Go To PDF Page Download Datasheet
H885 Datasheet PDF - Gilway Technical Lamp

Part # H885
Download  H885 Click to download

File Size   657.31 Kbytes
Page   2 Pages
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp
Description 5.3mm Base Lampholders

H885 Datasheet (HTML) - Gilway Technical Lamp




Similar Part No. - H885

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H881 GILWAY-H881 Datasheet
229Kb / 3P
6.35mm Base Lampholders
logo
SHANTOU HUASHAN ELECTRO...
H882 HUASHAN-H882 Datasheet
751Kb / 3P
NPN SILICON TRANSISTOR
More results


Similar Description - H885

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H912 GILWAY-H912 Datasheet
229Kb / 3P
6.35mm Base Lampholders
H943 GILWAY-H943 Datasheet
49Kb / 1P
R7 Base Lampholders
H9941 GILWAY-H9941 Datasheet
764Kb / 2P
4mm Base Lampholders
H9971 GILWAY-H9971 Datasheet
59Kb / 1P
9.5mm Base Lampholders
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
Commercial Grade Lampholders
logo
Visual Communications C...
922 VCC-922 Datasheet
524Kb / 1P
Midget Flange incandescent Lampholders
925 VCC-925 Datasheet
508Kb / 1P
Midget Flange incandescent Lampholders
930 VCC-930 Datasheet
563Kb / 1P
Miniature Bayonet lampholders
12-208 VCC-12-208 Datasheet
586Kb / 3P
DOUBLE CONTACT BAYONET BASE NON-GROUNDED LAMPHOLDERS
logo
E&E Magnetic Products L...
833-00006F EEMAGNETIC-833-00006F Datasheet
535Kb / 2P
Low profile(Height: 5.3mm Max)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com