Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB4F-05 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MB4F-05 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # MB4F-05
Download  MB4F-05 Download
File Size   493.15 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE

MB4F-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB4F-05 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MB4F-05
Download  MB4F-05 Click to download

File Size   493.15 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE

MB4F-05 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


MB4F-05 Product details

Reverse Voltage - 100 to 1000 V
Forward Current – 0.5A

FEATURES
♦ High current capability
♦ Low forward voltage drop
♦ Glass Passivated Chip Junction
♦ Low power loss, high efficiency
♦ Lead free in comply with EU RoHS 2011/65/EU directives

MECHANICAL DATA
♦ Case: MBF
♦ Terminals: Solderable per MIL-STD-750, Method 2026
♦ Approx. Weight: 75mg / 0.0026oz




Similar Part No. - MB4F-05

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB4F-05 YFWDIODE-MB4F-05 Datasheet
424Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB4F-05 YFWDIODE-MB4F-05 Datasheet
476Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - MB4F-05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B1S WTE-B1S_06 Datasheet
59Kb / 4P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1F-05-MBF YFWDIODE-MB1F-05-MBF Datasheet
424Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
05A-MB1F-MBF YFWDIODE-05A-MB1F-MBF Datasheet
476Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LF05F ZSELEC-LF05F Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05S ZSELEC-MB05S Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Yint Electroni...
MB1M YINT-MB1M Datasheet
476Kb / 3P
0.5A Surface Mount Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1S-05 YFWDIODE-MB1S-05 Datasheet
496Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UM1B-05 YFWDIODE-UM1B-05 Datasheet
472Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com