Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB220S Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MB220S Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # MB220S
Download  MB220S Download
File Size   499.26 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 2A SURFACE MOUNT SCHOTTKY BRIDGE

MB220S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB220S Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MB220S
Download  MB220S Click to download

File Size   499.26 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 2A SURFACE MOUNT SCHOTTKY BRIDGE

MB220S Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


MB220S Product details

FEATURES:
   Reverse Voltage - 40 to 200 V
   Forward Current - 2 A
   High Surge Current Capability
   Designed for Surface Mount Application

MECHANICAL DATA
• Case: MBS
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 100mg / 0.0035oz




Similar Part No. - MB220S

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MB220S CHENDA-MB220S Datasheet
683Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
MB220S YFWDIODE-MB220S Datasheet
433Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Microdiode Semiconducto...
MB220S CHENDA-MB220S Datasheet
424Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
SHIKUES Electronics
MB220S SKTECHNOLGY-MB220S Datasheet
286Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
More results


Similar Description - MB220S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
TB24F YFWDIODE-TB24F Datasheet
82Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24F-MBF YFWDIODE-MB24F-MBF Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24S-MBS YFWDIODE-MB24S-MBS Datasheet
433Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24F-ABF YFWDIODE-TB24F-ABF Datasheet
420Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24S-LBF YFWDIODE-TB24S-LBF Datasheet
420Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
ABS201 YFWDIODE-ABS201 Datasheet
608Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE
MB24F YFWDIODE-MB24F Datasheet
495Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24S YFWDIODE-TB24S Datasheet
505Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB24F SKTECHNOLGY-MB24F Datasheet
294Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24S SKTECHNOLGY-MB24S Datasheet
286Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com