Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05298 Datasheet (PDF) - Vicor Corporation

05298 Datasheet PDF - Vicor Corporation
Part # 05298
Download  05298 Download
File Size   54.73 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description INDUCTOR ASSY, OUTPUT, .2 uH

05298 Datasheet (PDF)

Go To PDF Page Download Datasheet
05298 Datasheet PDF - Vicor Corporation

Part # 05298
Download  05298 Click to download

File Size   54.73 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description INDUCTOR ASSY, OUTPUT, .2 uH

05298 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 05298

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0529010274 MOLEX7-0529010274 Datasheet
416Kb / 7P
0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 11.00 to 16.00mm (.433 to .630") Stacking Heights, Embossed Tape withCover Packaging, 20 Circuits, Lead-free
0529010374 MOLEX7-0529010374 Datasheet
416Kb / 7P
0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 11.00 to 16.00mm (.433 to .630") Stacking Heights, Embossed Tape withCover Packaging, 30 Circuits, Lead-free
0529010474 MOLEX7-0529010474 Datasheet
416Kb / 7P
0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 11.00 to 16.00mm (.433 to .630") Stacking Heights, Embossed Tape withCover Packaging, 40 Circuits, Lead-free
0529010674 MOLEX7-0529010674 Datasheet
416Kb / 7P
0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 11.00 to 16.00mm (.433 to .630") Stacking Heights, Embossed Tape withCover, 60 Circuits, Lead-free
0529010774 MOLEX7-0529010774 Datasheet
416Kb / 7P
0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 11.00 to 16.00mm (.433 to .630") Stacking Heights, Embossed Tape withCover Packaging, 70 Circuits, Lead-free
More results


Similar Description - 05298

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1731 ETC-C1731 Datasheet
38Kb / 1P
205 UH Inductor Approved for use by GlobeSpan
C2056 ETC-C2056 Datasheet
37Kb / 1P
78.03 UH Inductor
B82471 ETC1-B82471 Datasheet
930Kb / 3P
Rated inductance 10 uH .. 220 uH
logo
Vicor Corporation
14123 VICOR-14123 Datasheet
50Kb / 1P
INDUCTOR ASSY, OUTPUT, 1.8 uH
logo
Rhombus Industries Inc.
L-20471 RHOMBUS-IND-L-20471 Datasheet
30Kb / 1P
OUTPUT INDUCTOR 3.3V
4/20/01
logo
FCI connector
71780 FCI-CONNECTOR-71780 Datasheet
324Kb / 4P
SCA-2 & FIBER CHANNEL 80 POS, RECEPT, ASSY
logo
Tyco Electronics
6-87579-0 MACOM-6-87579-0 Datasheet
217Kb / 1P
HDR ASSY, MOD 2, SHROUDED, 4 SIDES
logo
TE Connectivity Ltd
C-282080 TEC-C-282080 Datasheet
440Kb / 2P
AMP SUPERSEAL 1.5 SRS. 2 POSITIONS PLUG ASSY
logo
Allied Components Inter...
AEFD20-4513 ALLIED-AEFD20-4513 Datasheet
831Kb / 1P
EFD20 Output Inductor
logo
Vicor Corporation
30268 VICOR-30268 Datasheet
105Kb / 1P
INDUCTOR ASSY OUTPUT .2uH
10/22/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com