Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06852 Datasheet (PDF) - Vicor Corporation

06852 Datasheet PDF - Vicor Corporation
Part # 06852
Download  06852 Download
File Size   69.27 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, 250V, 0.61 uF, -10%

06852 Datasheet (PDF)

Go To PDF Page Download Datasheet
06852 Datasheet PDF - Vicor Corporation

Part # 06852
Download  06852 Click to download

File Size   69.27 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, 250V, 0.61 uF, -10%

06852 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 06852

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
06852000-01 BEL-06852000-01 Datasheet
592Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
Feb2025
06852500-01 BEL-06852500-01 Datasheet
592Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
Feb2025
More results


Similar Description - 06852

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T255A106K006BS KEMET-T255A106K006BS Datasheet
79Kb / 1P
Capacitor, Tantalum, 10 uF, /-10% Tol, 6V@85C
T322B105K035AT7200 KEMET-T322B105K035AT7200 Datasheet
68Kb / 1P
Capacitor, Tantalum, 1 uF, /-10% Tol, 35 V
T322E336K035AT KEMET-T322E336K035AT Datasheet
67Kb / 1P
Capacitor, Tantalum, 33 uF, /-10% Tol, 35 V
T322A105K025AT KEMET-T322A105K025AT Datasheet
66Kb / 1P
Capacitor, Tantalum, 1 uF, /-10% Tol, 25 V
T322B105K035AT KEMET-T322B105K035AT Datasheet
67Kb / 1P
Capacitor, Tantalum, 1 uF, /-10% Tol, 35 V
T322C106K020AT KEMET-T322C106K020AT Datasheet
67Kb / 1P
Capacitor, Tantalum, 10 uF, /-10% Tol, 20 V
T110B156K020AT KEMET-T110B156K020AT Datasheet
50Kb / 1P
Capacitor, Tantalum, 15 uF, /-10% Tol, 20 V
T110C336K020AT KEMET-T110C336K020AT Datasheet
50Kb / 1P
Capacitor, Tantalum, 33 uF, /-10% Tol, 20 V
T322E476K025AT KEMET-T322E476K025AT Datasheet
68Kb / 1P
Capacitor, Tantalum, 47 uF, /-10% Tol, 25 V
T322E106K050AT KEMET-T322E106K050AT Datasheet
67Kb / 1P
Capacitor, Tantalum, 10 uF, /-10% Tol, 50 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com