Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356-R26 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC3356-R26 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # 2SC3356-R26
Download  2SC3356-R26 Download
File Size   485.28 Kbytes
Page   4 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description NPN Transistors

2SC3356-R26 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3356-R26 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC3356-R26
Download  2SC3356-R26 Click to download

File Size   485.28 Kbytes
Page   4 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description NPN Transistors

2SC3356-R26 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


2SC3356-R26 Product details

Features
● Low noise and high gain.
   NF = 1.1 dB Typ., Ga = 11 dB Typ. @VCE = 10 V, IC = 7 mA, f = 1.0 GHz
● High power gain.
   MAG = 13 dB Typ. @VCE = 10 V, IC = 20 mA, f = 1.0 GHz




Similar Part No. - 2SC3356-R26

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3356-R26 KEXIN-2SC3356-R26 Datasheet
1Mb / 3P
NPN Transistors
logo
EVER SEMICONDUCTOR CO.,...
2SC3356-R26 EVVOSEMI-2SC3356-R26 Datasheet
1Mb / 4P
NPN Transistors
Rev:2022A2
logo
Guangdong Kexin Industr...
2SC3356-R26-HF KEXIN-2SC3356-R26-HF Datasheet
1Mb / 3P
NPN Transistors
2SC3356-R26-HF KEXIN-2SC3356-R26-HF Datasheet
1Mb / 3P
NPN Transistors
More results


Similar Description - 2SC3356-R26

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com