| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX202E
|
507Kb / 25P |
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03 |
|
MAX3230E
|
797Kb / 15P |
15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04 |
|
MAX202E
|
1Mb / 25P |
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05 |
|
MAX3225EEUP
|
958Kb / 21P |
15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11 |
|
MAX232EEWE
|
2Mb / 26P |
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05 |
 Intersil Corporation |
ISL3330IAZ
|
947Kb / 25P |
3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008 |
|
ISL3332IAZ
|
948Kb / 26P |
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008 |
|
ISL81334IAZ
|
1,008Kb / 28P |
±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007 |
|
ISL81387IAZ
|
1Mb / 27P |
±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014 |
 Analog Devices |
MAX202E
|
1Mb / 26P |
±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21 |