Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNPWE3 Datasheet (PDF) - Vishay Siliconix

TNPWE3 Datasheet PDF - Vishay Siliconix
Part # TNPWE3
Download  TNPWE3 Download
File Size   186.15 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Stability Thin Film Flat Chip Resistors

TNPWE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TNPWE3 Datasheet PDF - Vishay Siliconix

Part # TNPWE3
Download  TNPWE3 Click to download

File Size   186.15 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Stability Thin Film Flat Chip Resistors

TNPWE3 Datasheet (HTML) - Vishay Siliconix


TNPWE3 Product details

• Superior moisture resistivity (85 °C; 85 % RH)
• Excellent overall stability at different
environmental conditions ≤ 0.05 % (1000 h
rated power at 70 °C)
• AEC-Q200 qualified
• Single lot date code (optional)
• Sulfur resistance verified according to
ASTM B 809




Similar Part No. - TNPWE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
High Stability Thin Film Flat Chip Resistors
27-Feb-15
TNPWE3 VISHAY-TNPWE3 Datasheet
340Kb / 14P
High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3 Datasheet
313Kb / 14P
High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3_V02 Datasheet
340Kb / 14P
High Stability Thin Film Flat Chip Resistors
23-Sep-2021
More results


Similar Description - TNPWE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
High Stability Thin Film Flat Chip Resistors
27-Jun-12
TNPW08053K32BEEN VISHAY-TNPW08053K32BEEN Datasheet
148Kb / 11P
High Stability Thin Film Flat Chip Resistors
05-Feb-14
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
High Stability Thin Film Flat Chip Resistors
27-Feb-15
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
High Stability Thin Film Flat Chip Resistors
12-May-16
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
High Stability Thin Film Flat Chip Resistors
23-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com