Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH310N10F7-6 Datasheet (PDF) - STMicroelectronics

STH310N10F7-6 Datasheet PDF - STMicroelectronics
Part # STH310N10F7-6
Download  STH310N10F7-6 Download
File Size   2736.44 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 kW low voltage high current inverter for industrial motor control applications

STH310N10F7-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STH310N10F7-6 Datasheet PDF - STMicroelectronics

Part # STH310N10F7-6
Download  STH310N10F7-6 Click to download

File Size   2736.44 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 kW low voltage high current inverter for industrial motor control applications

STH310N10F7-6 Datasheet (HTML) - STMicroelectronics


STH310N10F7-6 Product details

Description
The STEVAL-CTM009V1 evaluation kit for motor control is designed to demonstrate the capabilities of ST Power MOSFETs based on STripFET™ F7 technology. The 100 V STripFET™ F7 devices (STH31*N10F7) are ideal for low voltage (up to 48 V), high current applications such as forklifts, golf carts and power tool. The STEVAL-CTM009V1 kit is composed of the STEVAL-CTM004V1, STEVALCTM005V1, STEVAL-CTM006V1, STEVAL-CTM008V1 boards which have to assembled together to build an inverter power stage for three-phase motors. The STEVAL-CTM004V1 power board features an insulated metal substrate (IMS), NTCs for thermal protection and decoupling gate resistors for each power MOSFET. The board mounts ST devices in the H²PAK-6 package. The driver stage is an STEVAL-CTM006V1 board with L6491 high current capability gate drivers to drive the power MOSFETs and integrated comparator for protections. The driver board includes the ST motor control connector, so you can interface the STEVAL-CTM009V1 with any ST MCU control board suitable for motor control (not included in the kit). The system also has an STEVAL-CTM005V1 bus link capacitor board used to connect the 48 VDC power source (e.g. the battery) to manage the ripple current and an STEVAL-CTM008V1 current sensing board to read the three-phase currents and DC bus current (not assembled) thanks to the on-board ICS. The internal reference for the ICSs can be overridden by providing an external reference voltage. Product summary Low voltage high current inverter for industrial motor control applications STEVALCTM009V1 N-channel 100 V, 1.9 mOhm typ., 180 A STripFET F7 Power MOSFET in H²PAK-6

Features
■ STEVAL-CTM004V1 (power board) – insulated metal substrate (IMS) – hosts 36 STH310N10F7 or STH315N10F7 power MOSFETs in the H²PAK-6 (6x switch) package – Decoupling gate resistors (2.2 Ω) – 3-shunt resistors ground referred for current sensing (optional) – 3 NTCs for thermal protection
■ STEVAL-CTM005V1 (bulk capacitor board) – 22x 270 μF, 100 V through-hole aluminium electrolytic capacitor
■ STEVAL-CTM006V1 (driver board) – based on 3x L6491 gate driver with current capability up to 4 A sink/source – 34-pin MC connector – overcurrent, overtemperature and overvoltage protection
■ STEVAL-CTM008V1 (current sensing board) – accurate phase current sensing – DC current sensing (ICS not mounted) – possibility of overdriving VREF with an external reference voltage




Similar Part No. - STH310N10F7-6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH310N10F7-6 STMICROELECTRONICS-STH310N10F7-6 Datasheet
1Mb / 19P
N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
23-Jul-2013
More results


Similar Description - STH310N10F7-6

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
Phase Control Circuit for Industrial Applications
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG300Q2YS60A MITSUBISHI-MG300Q2YS60A Datasheet
218Kb / 8P
High Power Switching Applications Motor Control Applications
MG400Q2YS60A MITSUBISHI-MG400Q2YS60A Datasheet
219Kb / 8P
High Power Switching Applications Motor Control Applications
logo
Infineon Technologies A...
BFR460L3 INFINEON-BFR460L3_13 Datasheet
602Kb / 8P
For low voltage / low current applications
2013-09-13
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
High Current, Low Profi le for Inverter Applications
947D CDE-947D Datasheet
590Kb / 9P
High Current, High Capacitance for Inverter Applications
logo
Toshiba Semiconductor
2SD1034A TOSHIBA-2SD1034A Datasheet
128Kb / 3P
HIGH POWER SWITCHING APPLICATIONS. DC-AC POWER INVERTER APPLICATIONS MOTOR CONTROL APPLICATIONS.
2SD548 TOSHIBA-2SD548 Datasheet
120Kb / 3P
HIGH POWER SWITCHING APPLICATIONS. DC-AC POWER INVERTER APPLICATIONS. MOTOR CONTROL APPLICATIONS.
2SD700 TOSHIBA-2SD700 Datasheet
245Kb / 3P
HIGH POWER SWITCHING APPLICATIONS. DC-AC POWER INVERTER APPLICATIONS. MOTOR CONTROL APPLICATIONS.
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com