Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZT028LACTY15 Datasheet (PDF) - Mallory Sonalert Products Inc

ZT028LACTY15 Datasheet PDF - Mallory Sonalert Products Inc
Part # ZT028LACTY15
Download  ZT028LACTY15 Download
File Size   132.57 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Continuous for 15 Seconds, then Flashing Light until reset.

ZT028LACTY15 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZT028LACTY15 Datasheet PDF - Mallory Sonalert Products Inc

Part # ZT028LACTY15
Download  ZT028LACTY15 Click to download

File Size   132.57 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Continuous for 15 Seconds, then Flashing Light until reset.

ZT028LACTY15 Datasheet (HTML) - Mallory Sonalert Products Inc




Similar Part No. - ZT028LACTY15

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZT028LACTY MSPI-ZT028LACTY Datasheet
132Kb / 1P
Frequency 3900 짹 500 Hz
ZT028LACTY30 MSPI-ZT028LACTY30 Datasheet
132Kb / 1P
Continuous for 30 Seconds, then Flashing Light until reset
More results


Similar Description - ZT028LACTY15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL7-BL24-A ETC2-SL7-BL24-A Datasheet
257Kb / 3P
LED flashing light,
logo
Mallory Sonalert Produc...
ZT028LACM1R15 MSPI-ZT028LACM1R15 Datasheet
132Kb / 1P
Chime Sound and Light @ 3 Seconds for 15 Seconds, then Flashing Light until Reset
ZT028LACM1R30 MSPI-ZT028LACM1R30 Datasheet
132Kb / 1P
Chime Sound and Light @ 3 Seconds for 30 Seconds, then Flashing Light until Reset
ZT028LACTB15 MSPI-ZT028LACTB15 Datasheet
132Kb / 1P
Continuous for 15 Seconds, then Flashing Light until reset
ZT028LACTC30 MSPI-ZT028LACTC30 Datasheet
46Kb / 1P
Continuous for 30s then flash at .1s on .9s off
ZT028LACTG15 MSPI-ZT028LACTG15 Datasheet
132Kb / 1P
Continuous for 15 Seconds, then Flashing Light until reset.
ZT028LACTR30 MSPI-ZT028LACTR30 Datasheet
132Kb / 1P
Continuous for 30 Seconds, then Flashing Light until reset.
ZT028LACTY30 MSPI-ZT028LACTY30 Datasheet
132Kb / 1P
Continuous for 30 Seconds, then Flashing Light until reset
logo
Pepperl+Fuchs Inc.
VAZ-FLASH-70MM-RD PF-VAZ-FLASH-70MM-RD Datasheet
720Kb / 2P
Stack light LED flashing light element
2020-06-29
logo
Mallory Sonalert Produc...
JR16-R-DMDP315 MSPI-JR16-R-DMDP315 Datasheet
173Kb / 1P
Slow Double Pulse @ 0.5 PPS for 15 Seconds, then 0.1s beep @ 1 PPS until reset.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com