Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1569 Datasheet (PDF) - Toshiba Semiconductor

2SC1569 Datasheet PDF - Toshiba Semiconductor
Part # 2SC1569
Download  2SC1569 Download
File Size   244.0 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)

2SC1569 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1569 Datasheet PDF - Toshiba Semiconductor

Part # 2SC1569
Download  2SC1569 Click to download

File Size   244.0 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)

2SC1569 Datasheet (HTML) - Toshiba Semiconductor


2SC1569 Product details

COLOR TV CHROMA OUTPUT APPLICATIONS.



Features

High Voltage : VCEO = 300 V

Small Collector Output Capacitance : Cob = 5.0 pF (Typ.)

High Transition Frequency : fT = 100MHz (Typ.)




Similar Part No. - 2SC1569

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC1569 SAVANTIC-2SC1569 Datasheet
90Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC1569 ISC-2SC1569 Datasheet
243Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC1569 SAVANTIC-2SC1569 Datasheet
91Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC1569 NJSEMI-2SC1569 Datasheet
126Kb / 2P
Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SC1569 TOSHIBA-2SC1569 Datasheet
2Mb / 54P
COLOR TELEVISION N1PS Chassis
Jul., 2001
More results


Similar Description - 2SC1569

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2552 TOSHIBA-2SC2552 Datasheet
163Kb / 2P
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
2SD1052A TOSHIBA-2SD1052A Datasheet
113Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS)
2SC2068 TOSHIBA-2SC2068 Datasheet
70Kb / 2P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC2231 TOSHIBA-2SC2231 Datasheet
122Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC2242 TOSHIBA-2SC2242 Datasheet
112Kb / 3P
SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SC1628 TOSHIBA-2SC1628 Datasheet
145Kb / 4P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR (PCT PROCESS)
2SC3425 TOSHIBA-2SC3425_06 Datasheet
177Kb / 6P
Silicon NPN Triple Diffused Type (PCT Process)
2SB1018A TOSHIBA-2SB1018A_06 Datasheet
170Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
2SC2229 TOSHIBA-2SC2229_06 Datasheet
124Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
2SC2230A TOSHIBA-2SC2230A Datasheet
133Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com